Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE1302 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE1302
Description  ADSL ANALOG FRONT-END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE1302 Datasheet(HTML) 3 Page - Texas Instruments

  AFE1302 Datasheet HTML 1Page - Texas Instruments AFE1302 Datasheet HTML 2Page - Texas Instruments AFE1302 Datasheet HTML 3Page - Texas Instruments AFE1302 Datasheet HTML 4Page - Texas Instruments AFE1302 Datasheet HTML 5Page - Texas Instruments AFE1302 Datasheet HTML 6Page - Texas Instruments AFE1302 Datasheet HTML 7Page - Texas Instruments AFE1302 Datasheet HTML 8Page - Texas Instruments AFE1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AFE1302
3
SBWS014
PIN CONFIGURATION
Top View
TQFP
ABSOLUTE MAXIMUM RATINGS
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
36
35
34
33
32
31
30
29
28
27
26
25
AV
SS4
TXP
AV
DD4
TXN
AV
SS6
CMI
CMO
VREF1
VRNTX
VRPTX
VRNRX
VRPRX
1
2
3
4
5
6
7
8
9
10
11
12
CLWD
CTRLIN
DV
DD1
DV
SS1
TX3
TX2
TX1
TX0
RX3
RX2
RX1
RX0
48
47
46
45
44
43
42
41
40
39
38
13
14
15
16
17
18
19
20
21
22
23
37
24
AFE1302
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
AFE1302Y
TQFP-48
355
0
°C to +70°C
AFE1302Y
AFE1302Y/250
Tape and Reel
""
"
"
"
AFE1302Y/2K
Tape and Reel
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K indicates 2000 devices per reel). Ordering 2000 pieces
of “AFE1302Y/2K” will get a single 2000-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
Analog Inputs: Current .............................................
±100mA, Momentary
±10mA, Continuous
Voltage ................................. AGND –0.3V to AV
DD +0.3V
Analog Outputs Short Circuit to Ground (+25
°C) ................... Continuous
AV
DD to AGND ....................................................................... –0.3V to 6V
DV
DD to DGND ....................................................................... –0.3V to 6V
Digital Input Voltage to DGND ................................ –0.3V to DV
DD +0.3V
Digital Output Voltage to DGND ............................. –0.3V to DV
DD +0.3V
AGND, DGND, Differential Voltage .................................................... 0.3V
Junction Temperature (TJ) ............................................................ +150°C
Storage Temperature Range ......................................... –40
°C to +125°C
Lead Temperature (soldering, 3s) ................................................. +260
°C
Power Dissipation .......................................................................... 700mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com