Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFE1302 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE1302
Description  ADSL ANALOG FRONT-END
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE1302 Datasheet(HTML) 2 Page - Texas Instruments

  AFE1302 Datasheet HTML 1Page - Texas Instruments AFE1302 Datasheet HTML 2Page - Texas Instruments AFE1302 Datasheet HTML 3Page - Texas Instruments AFE1302 Datasheet HTML 4Page - Texas Instruments AFE1302 Datasheet HTML 5Page - Texas Instruments AFE1302 Datasheet HTML 6Page - Texas Instruments AFE1302 Datasheet HTML 7Page - Texas Instruments AFE1302 Datasheet HTML 8Page - Texas Instruments AFE1302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AFE1302
2
SBWS014
SPECIFICATIONS
Typical at 25
°C, AV
DD = +5V, DVDD = +3.3V, fCLK = 35.328MHz, TX output and RX input measured differentially, unless otherwise specified.
AFE1302Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RECEIVE CHANNEL
Input Signal (CMV = AVDD/2)
Differential, G = –6dB
9.0
9.6
Vp-p
Common-Mode Voltage
AVDD/2
V
Input Impedance
Pin-to-AVDD
2.8
k
Ω
Input Capacitance
30
pF
Programmable Amplifier Range
–6
40
dB
Gain Step Size
Monotonicity Guaranteed
1
dB
Input Noise
PGA = +40dB(1)
–148
–144
dBm/Hz
Output Word Rate
1.104
8.832
MWords/s
Output Word Resolution
(15 Bits + 1 Sign Bit) or (14 Bits + 2 Sign Bits)
16
Bits
ADC Sampling Rate
35.328
MSamples/s
Low-Pass Frequency Corner
One Pole Analog Filter
1.1
MHz
Passband Droop
At 550kHz
1
dB
SINAD
PGA Gain = 40dB, Input Referred
100
dB
PGA Gain = 0dB
68
dB
THD
Single Tone, PGA = 0dB
75
84
dB
MTPR (MultiTone Power Ratio)
75
dB
TRANSMIT CHANNEL
Input Word Rate
1.104
8.832
MWords/s
Input Word Resolution
(15 Bits + 1 Sign Bit) or (14 Bits + 2 Sign Bits)
16
Bits
Peak Signal Amplitude
Differential, G = 0dB
4.4
4.8
Vp-p
Common-Mode Voltage
AVDD/2
Load Resistance
Differential
400
Ω
Load Capacitance
Differential
10
pF
Programmable Attenuator Range
–31
0
dB
Attenuator Step Size
Monotonicity Guaranteed
1.0
dB
Attenuator Step Accuracy
0.5
dB
Low-Pass Filter Corner Frequency
Fourth-Order, 0.1dB Programmable
127
kHz
Passband Ripple
–0.1
dB
Group Delay Variation
10
µs
Output Noise
Measured at 50kHz
–110
dBm/Hz
Measured at 200kHz
–116
dBm/Hz
THD Distortion
FS Output 0dB
65
dBc
FS Output –6dB
73
dBc
SFDR in RX Band (20 Tone Test)
See Note (2)
–98
dBVrms
MTPR
70
dB
VCXO WITH EXTERNAL CIRCUITRY
Sensitive to PCB Layout
Frequency
35.328
MHz
Tuning Range
±100
ppm
DAC Resolution
Monotonicity Guaranteed
10
Bits
DIGITAL INTERFACE
Logic Levels
VIH
|IIH| < 10µADVDD – 1
DVDD
DVDD + 0.3
V
VIL
|IIL| < 10µA
–0.3
0
0.8
V
VOH
IOH = –20µADVDD – 0.5
V
VOL
IOL = 20µA
0.4
V
CONTROL INTERFACE (GC0, GC1, GP0, GP1, GP2)
Logic Levels
VOH
IOH = 1mA
DVDD – 0.5
V
VOL
IOL = 1mA
0.4
V
POWER
Analog Power Supply Voltage
AVDD
4.75
5
5.25
V
Analog Dissipated Power
470
mW
Digital Power Supply Voltage
DVDD
3.0
3.3
5.5
V
Digital Dissipated Power
VDD = 3.3V
100
mW
TEMPERATURE RANGE
Operation
070
°C
Thermal Resistance,
θ
JA
56.5
°C/W
NOTES: (1) With TX in operation, no RX data, referred to 100
Ω. (2) With TX reverb multitone signal (25.875kHz to 138kHz at a 4.3125kHz step), measured signal
level beyond 150kHz at TXP, TXN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com