Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP435 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP435
Description  2A Ultra-Small Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP435 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP435 Datasheet HTML 2Page - ON Semiconductor NCP435 Datasheet HTML 3Page - ON Semiconductor NCP435 Datasheet HTML 4Page - ON Semiconductor NCP435 Datasheet HTML 5Page - ON Semiconductor NCP435 Datasheet HTML 6Page - ON Semiconductor NCP435 Datasheet HTML 7Page - ON Semiconductor NCP435 Datasheet HTML 8Page - ON Semiconductor NCP435 Datasheet HTML 9Page - ON Semiconductor NCP435 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NCP434, NCP435
www.onsemi.com
9
Figure 16. Routing Example 2 oz, 4 Layers, 60
5C/W
Example of Application Definition
T
J * TA + R
qJA
P
D + R
qJA
R
DS(on)
I2
TJ: Junction Temperature.
TA: Ambient Temperature.
Rq = Thermal resistance between IC and air, through PCB.
RDS(on): intrinsic resistance of the IC MOSFET.
I: load DC current.
Taking into account of Rq obtain with:
• 1 oz, 2 layers: 100°C/W.
At 2 A, 25
°C ambient temperature, RDS(on) 44 mW @ VIN
1.8 V, the junction temperature will be:
T
J + R
qJA
P
D + 25 ) 0.044
22
100
+ 46° C
Taking into account of Rtq obtain with:
• 2 oz, 4 layers: 60°C/W.
At 2 A, 25
°C ambient temperature, RDS(on) 44 mW @ VIN
1.8 V, the junction temperature will be:
T
J + TA ) R
q
P
D + 25 ) 0.044
22
60
+ 35.5° C
ORDERING INFORMATION
Device
Marking
Package
Shipping†
NCP434FCT2G
AJ
WLCSP 0.96 x 0.96 mm
(Pb−Free)
3000 / Tape & Reel
NCP435FCT2G
AH
WLCSP 0.96 x 0.96 mm
(Pb−Free)
3000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com