Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP435 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP435
Description  2A Ultra-Small Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP435 Datasheet(HTML) 2 Page - ON Semiconductor

  NCP435 Datasheet HTML 1Page - ON Semiconductor NCP435 Datasheet HTML 2Page - ON Semiconductor NCP435 Datasheet HTML 3Page - ON Semiconductor NCP435 Datasheet HTML 4Page - ON Semiconductor NCP435 Datasheet HTML 5Page - ON Semiconductor NCP435 Datasheet HTML 6Page - ON Semiconductor NCP435 Datasheet HTML 7Page - ON Semiconductor NCP435 Datasheet HTML 8Page - ON Semiconductor NCP435 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NCP434, NCP435
www.onsemi.com
2
PIN FUNCTION DESCRIPTION
Pin Name
Pin Number
Type
Description
IN
A2
POWER
Load−switch input voltage; connect a 1
mF or greater ceramic capacitor from IN to GND as
close as possible to the IC.
GND
B1
POWER
Ground connection.
EN
B2
INPUT
Enable input, logic high turns on power switch.
OUT
A1
OUTPUT
Load−switch output; connect a 1
mF ceramic capacitor from OUT to GND as close as
possible to the IC is recommended.
BLOCK DIAGRAM
EN block
Control
logic
Gate driver and soft
start control
IN: Pin A2
EN: Pin B2
OUT: Pin A1
GND: Pin B1
Optional:
NCP435
Figure 2. Block Diagram
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
IN, OUT, EN, Pins
VEN , VIN , VOUT
−0.3 to + 4.0
V
From IN to OUT Pins: Input/Output
VIN , VOUT
0 to + 4.0
V
Maximum Junction Temperature
TJ
−40 to + 125
°C
Storage Temperature Range
TSTG
−40 to + 150
°C
Moisture Sensitivity (Note 1)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com