Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP435 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP435
Description  2A Ultra-Small Controlled Load Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP435 Datasheet(HTML) 3 Page - ON Semiconductor

  NCP435 Datasheet HTML 1Page - ON Semiconductor NCP435 Datasheet HTML 2Page - ON Semiconductor NCP435 Datasheet HTML 3Page - ON Semiconductor NCP435 Datasheet HTML 4Page - ON Semiconductor NCP435 Datasheet HTML 5Page - ON Semiconductor NCP435 Datasheet HTML 6Page - ON Semiconductor NCP435 Datasheet HTML 7Page - ON Semiconductor NCP435 Datasheet HTML 8Page - ON Semiconductor NCP435 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCP434, NCP435
www.onsemi.com
3
OPERATING CONDITIONS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Operational Power Supply
1.0
3.6
V
VEN
Enable Voltage
0
3.6
TA
Ambient Temperature Range
−40
25
+85
°C
CIN
Decoupling input capacitor
1
mF
COUT
Decoupling output capacitor
1
mF
RqJA
Thermal Resistance Junction−to−Air
WLCSP package (Note 6)
100
°C/W
IOUT
Maximum DC current
2
A
PD
Power Dissipation Rating (Note 7)
TA ≤ 25°C
WLCSP package
0.5
W
TA = 85°C
WLCSP package
0.2
W
2. According to JEDEC standard JESD22−A108.
3. This device series contains ESD protection and passes the following tests:
4. Human Body Model (HBM)
±4.0 kV per JEDEC standard: JESD22−A114 for all pins.
Machine Model (MM)
±250 V per JEDEC standard: JESD22−A115 for all pins.
Charge Device Model (CDM)
±2.0 kV per JEDEC standard: JESD22−C101 for all pins.
5. Latch up Current Maximum Rating:
±100 mA per JEDEC standard: JESD78 class II.
6. The RqJA is dependent of the PCB heat dissipation and thermal via.
7. The maximum power dissipation (PD) is given by the following formula:
P
D +
T
JMAX * TA
RqJA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com