Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP431AVLPRAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP431AVLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVLPRAG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP431AVLPRAG Datasheet HTML 2Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 3Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 4Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 5Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 6Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 7Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 8Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 9Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
6
Figure 9. Reference Input Voltage versus
Ambient temperature
Figure 10. Reference Input Current versus
Ambient temperature
2460
2470
2480
2490
2500
2510
2520
2530
2540
−50
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
VKA
Input
Vref
IK
VKA = Vref
IK = 1 mA
40
50
60
70
80
90
100
110
120
−50
−25
0
25
50
75
100
125
VKA
Input
220k
IK
Iref
IK = 1 mA
TA, AMBIENT TEMPERATURE (°C)
Figure 11. Change in Reference Input Voltage
versus Cathode Voltage
Figure 12. Off−State Cathode Current versus
Ambient Temperature
−40
−30
−20
−10
0
0
10203040
R2
R1
Input
VKA
Vref
IK
VKA, CATHODE VOLTAGE (V)
VKA = Vref
IK = 1 mA
1
10
100
−50
−25
0
25
50
75
100
125
Input
VKA
Ioff
VKA =36V
Vref =0V
TA, AMBIENT TEMPERATURE (°C)
Figure 13. Dynamic Impedance versus
Frequency
Figure 14. Dynamic Impedance versus Ambient
Temperature
0.1
1
0.001
0.01
0.1
1
10
100
10
1.0k
GND
Output
IK
50
f, FREQUENCY (MHz)
DIK = 1 mA to 100 mA
TA = 25°C
0.200
0.220
0.240
0.260
0.280
0.300
0.320
−50
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
1. 0k
GND
Output
IK
50
VKA =Vref
DIK = 1.0 mA to 100mA
f<1.0 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com