Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP431AVLPRAG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP431AVLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVLPRAG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP431AVLPRAG Datasheet HTML 1Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 2Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 3Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 4Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 5Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 6Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 7Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 8Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted.)
Symbol
Characteristic
NCP431BC
NCP432BC
NCP431BI
NCP432BI
NCP/SC431BV
NCP/SC432BV
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Vref
Reference Input Voltage
VKA = Vref, IK = 1 mA
TA = 25°C
TA = Tlow to Thigh (Figure 3, Note 7)
2.4875
2.4875
2.500
2.500
2.5125
2.5125
2.4875
2.4775
2.500
2.500
2.5125
2.5125
2.4875
2.4725
2.500
2.500
2.5125
2.5125
V
DVrefT
Reference Input Voltage Deviation Over Tem-
perature Range (Figure 3, Notes 8, 9)
VKA= Vref, IK = 1 mA
−
−
−
−
−
−
−
5.0
10
1−
−
−
10
15
15
mV
DVref
DVKA
Ratio of Change in Reference Input Voltage to
Change in Cathode to Anode Voltage
IK = 1 mA (Figure 4),
DVKA = 10 V to Vref
DVKA = 36 V to 10 V
−
−
−1.85
−0.80
−3.1
−1.8
−
−
−1.85
−0.80
−3.1
−1.8
−
−
−1.85
−0.80
−3.1
−1.8
mV/
V
Iref
Reference Input Current (Figure 4)
IK = 1 mA, R1 = 220 k, R2 = R
TA = −40°C to +125°C
−
81
190
−
81
190
−
81
190
nA
DIrefT
Reference Input Current Deviation Over Tem-
perature Range (Figure 4, Note 8)
IK = 1 mA, R1 = 10 k, R2 = R
−
22
55
−
22
55
−
22
55
nA
Imin
Minimum Cathode Current For Regulation
VKA = Vref (Figure 3)
−
4
0
60
−
4
0
60
−
4
0
60
mA
Ioff
Off−State Cathode Current (Figure 5)
VKA = 36 V, Vref = 0 V
−
180
1000
−
180
1000
−
180
1000
nA
|ZKA|
Dynamic Impedance (Figure 3, Note 10)
VKA = Vref, DIK = 1.0 mA to 100 mA
f
v 1.0 kHz
−
0.22
0.5
−
0.22
0.5
−
0.22
0.5
W
7. Tlow
= −40
°C for NCP431BI, NCP431BV, NCP432BI, NCP432BV, SC431B, SC432B
= 0
°C for NCP431BC, NCP432BC
Thigh = 70°C for NCP431BC, NCP432BC
= 85
°C for NCP431BI, NCP432BI
= 125
°C for NCP431BV, NCP432BV, SC431BV, SC432BV
8. Guaranteed by design
9. The deviation parameter
DVrefT is defined as the difference between the maximum and minimum values obtained over the full operating
ambient temperature range that applies.
The average temperature coefficient of the reference input voltage, Vref is defined as:
V
ref
ppm
° C
+
DV
ref
V
ref
@25
° C
106
DT
A
+
DV
ref
106
DT
A
V
ref
@25
° C
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature.
Example:
DVrefT = 17 mV and slope is positive
Vref = 2.5 V, DTA = 165°C (from −40°C to +125°C)
aV
ref +
0.017
@ 106
165
@ 2.5
+ 41.2 ppm ° C
10. The dynamic impedance ZKA is defined as: (|ZKA| = (DVKA/DIK). When the device is programmed with two external resistors, R1 and R2,
the total dynamic impedance of the circuit is defined as: |ZKA’| [ |ZKA| (1 + (R1/R2))
11. SC431BVSNT1G, SC432BVSNT1G − Tlow = −40°C, Thigh = 125°C. Guaranteed by design. SC Prefix for Automotive and Other Applica-
tions Requiring Unique Site and Control Change Requirements; AEC−Q100 Qualified and PPAP Capable.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com