Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP431AVLPRAG Datasheet(PDF) 12 Page - ON Semiconductor

Part # NCP431AVLPRAG
Description  Programmable Precision References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP431AVLPRAG Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NCP431AVLPRAG Datasheet HTML 8Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 9Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 10Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 11Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 12Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 13Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 14Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 15Page - ON Semiconductor NCP431AVLPRAG Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
NCP431A, SC431A, NCP431B, SC431B, NCP432B, SC432B Series
www.onsemi.com
12
NCP431/NCP432 OPEN−LOOP VOLTAGE GAIN
VERSUS FREQUENCY
Figure 34. Example 1 Circuit Open Loop Gain Plot
Example 2.
IC = 7.5 mA, RL = 2.2 k
W, CL = 0.01 mF. Cathode tied to
reference input pin. An examination of the data sheet
stability boundary curve (Figure 18) shows that this value of
load capacitance and cathode current is on the boundary.
Define the transfer gain.
The DC gain is:
G
+ G
MRGMGoRL +
(2.138)(1.0M)(1.25
m)(230)
+ 6389 + 76 dB
The resulting open loop Bode plot is shown in Figure 35.
The asymptotic plot may be expressed as the following
equation:
Av
+ 615
1
)
jf
500 kHz
1
)
jf
8.0 kHz
1
)
jf
60 kHz
1
)
jf
7.2 kHz
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about −46
°. Therefore,
instability of this circuit is likely.
NCP431/NCP432 OPEN−LOOP BODE PLOT WITH
LOAD CAP
Figure 35. Example 2 Circuit Open Loop Gain Plot
With three poles, this system is unstable. The only hope
for stabilizing this circuit is to add a zero. However, that can
only be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter.
Therefore,
practically,
in
reference
voltage
applications, the best solution appears to be to use a smaller
value of capacitance in low noise applications or a very large
value to provide noise filtering and a dominant pole rolloff
of the system.
The NCP431/NCP432 is often used as a regulator in
secondary side of a switch mode power supply (SMPS).
The benefit of this reference is high and stable gain under
low bias currents. Figure 36 shows dependence of the gain
(dynamic impedance) on the bias current. Value of
minimum cathode current that is needed to assure stable gain
is 80
mA maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com