Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A161-R00J1 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSMM-A161-R00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMM-A161-R00J1 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSMM-A161-R00J1 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
3
Absolute Maximum Ratings (TA = 25°C)
Parameters
HSMC/A
HSMV/Z
HSMM/N
DC Forward Current[1]
30 mA[3,4]
30 mA[3,4]
30 mA
Peak Forward Current[2]
100mA
100mA
100mA
Power Dissipation
63mW
72mW
114mW
Reverse Voltage
5
5
5
Junction Temperature
110
°C
110
°C
110
°C
Operating Temperature
-55
°C to +100°C-55°C to +100°C-55°C to +100°C
Storage Temperature
-55
°C to +100°C-55°C to +100°C-55°C to +100°C
Notes:
1. Derate linearly as shown in figure
2. Duty factor = 10%, Frequency = 1kHz.
3. Drive Current between 10mA and 30mA are recommended for best long term performance
4. Operation at current below 5mA is not recommended.
Optical Characteristic (TA = 25°C)
Color
Part Number
Dice
Technology
Peak
Wavelength
λPEAK (nm)
Typ.
Dominant
Wavelength
λD (nm)[1]
Typ.
Viewing Angle
2
θ1/2 [2]
(Degrees)
Typ.
Luminous
Efficacy
ηv[3]
(lm/W)
Typ
Luminous
Intensity/
Total Flux
Iv(mcd)/Fv(mlm)
Typ.
Amber
HSMA-A16x
AlInGaP
592
590
120
480
0.45
Amber
HSMU-A160
AlInGaP
594
592
120
500
0.45
Red
HSMC-A16x
AlInGaP
635
626
120
150
0.45
Red
HSMZ-A160
AlInGaP
639
630
120
155
0.45
Green
HSMM-A16x
InGaN
523
525
120
500
0.45
Blue
HSMN-A16x
InGaN
468
470
120
75
0.45
Notes:
1. The dominant wavelength,
λD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2. θ1/2 is the off-axis angle where the luminous intensity is 1/2 the peak intensity.
3. Radiant intensity, Ie in watts/steradian, may be calculated from the equation Ie = Iv/ηv, where Iv is the luminous intensity in candelas and ηv is the
luminous efficacy in lumens/watt.
Electrical Characteristic (TA = 25°C)
Dice Technology
Forward Voltage
VF (Volts) @ IF = 20mA
Reverse Voltage
VR @ 100µA
Reverse Voltage
VR @ 10µA
Thermal Resistance
R
θJP (°C/W)
Typ
Max
Min
Min
Typ
HSMC/A
1.9
2.4
5
-
280
HSMV/Z
2.2
2.6
5
-
280
HSMM/N
3.4
4.05
-
5
280



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com