Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A161-R00J1 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMM-A161-R00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMM-A161-R00J1 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMM-A161-R00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
9
Intensity Bin Select (X5X6)
Individual reel will contain parts from 1
half bin only
Intensity Bin Limits
Color Bin Select (X7)
Individual reel will contain parts from 1
full bin only
Color Bin Limits
Tolerance of each bin limit =
±1nm
Packaging Option (X8X9)
X5
Min Iv Bin
X6
0
Full Distribution
3
3 half bins starting from X51
4
4 half bins starting from X51
5
5 half bins starting from X51
7
3 half bins starting from X52
8
4 half bins starting from X52
9
5 half bins starting from X52
Bin ID
Min (mcd)
Max (mcd)
J1
4.50
5.60
J2
5.60
7.20
K1
7.20
9.00
K2
9.00
11.20
L1
11.20
14.00
L2
14.00
18.00
M1
18.00
22.40
M2
22.40
28.50
N1
28.50
35.50
N2
35.50
45.00
P1
45.00
56.00
P2
56.00
71.50
Q1
71.50
90.00
Q2
90.00
112.50
R1
112.50
140.00
R2
140.00
180.00
S1
180.00
224.00
S2
224.00
285.00
T1
285.00
355.00
T2
355.00
450.00
U1
450.00
560.00
U2
560.00
715.00
Tolerance of each bin limit =
± 12%
X7
0Full Distribution
ZA and B only
YB and C only
W
C and D only
V
D and E only
U
E and F only
T
F and G only
SG and H only
Q
A, B and C only
P
B, C and D only
NC, D and E only
M
D, E and F only
L
E, F and G only
K
F, G and H only
1
A, B, C and D only
2
E, F G and H only
Blue
Min (nm)
Max (nm)
A
460.0
465.0
B
465.0
470.0
C
470.0
475.0
D
475.0
480.0
Green
Min (nm)
Max (nm)
A
515.0
520.0
B
520.0
525.0
C
525.0
530.0
D
530.0
535.0
Amber/
Yellow
Min (nm)
Max (nm)
A
582.0
584.5
B
584.5
587.0
C
587.0
589.5
D
589.5
592.0
E
592.0
594.5
F
594.5
597.0
Red
Min (nm)
Max (nm)
Full Distribution
X8X9
J1
20mA test current, Top
Mount, 7 inch Reel
J2
10mA test current, Top
Mount, 7 inch Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com