Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMM-A161-R00J1 Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # HSMM-A161-R00J1
Description  Agilent HSMx-A16x-xxxxx PLCC-2 Surface Mount LED Indicator Black Surface Tinted
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMM-A161-R00J1 Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HSMM-A161-R00J1 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMM-A161-R00J1 Datasheet HTML 11Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
8
Figure 13. Reel dimension
Storage Conditions:
5 to 30
° C @ 60% RH max.
Recommended baking conditions:
60 +/- 5
°C for 20 hours.
Baking is required under the
following conditions:
a) the humidity indicator card
becomes pink in color
b) the pack has been opened for
more than 4 weeks
This product is qualified as Moisture
Sensitive JEDEC Level 2A
Figure 14. Reeling Orientation
CATHODE SIDE
USER FEED DIRECTION
PRINTED LABEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com