Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM111
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM111 Datasheet HTML 1Page - National Semiconductor (TI) LM111 Datasheet HTML 2Page - National Semiconductor (TI) LM111 Datasheet HTML 3Page - National Semiconductor (TI) LM111 Datasheet HTML 4Page - National Semiconductor (TI) LM111 Datasheet HTML 5Page - National Semiconductor (TI) LM111 Datasheet HTML 6Page - National Semiconductor (TI) LM111 Datasheet HTML 7Page - National Semiconductor (TI) LM111 Datasheet HTML 8Page - National Semiconductor (TI) LM111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4.0 Absolute Maximum Ratings for
the LM111/LM211(Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage (V
84)
36V
Output to Negative Supply Voltage
(V
74)
50V
Ground to Negative Supply Voltage
(V
14)
30V
Differential Input Voltage
±30V
Input Voltage (Note 4)
±15V
Output Short Circuit Duration
10 sec
Operating Temperature Range
LM111
−55˚C to 125˚C
LM211
−25˚C to 85˚C
Lead Temperature (Soldering, 10 sec)
260˚C
Voltage at Strobe Pin
V
+−5V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD Rating (Note 11)
300V
Electrical Characteristics (Note 6) for the LM111 and LM211
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage (Note 7)
T
A=25˚C, RS
≤50k
0.7
3.0
mV
Input Offset Current
T
A=25˚C
4.0
10
nA
Input Bias Current
T
A=25˚C
60
100
nA
Voltage Gain
T
A=25˚C
40
200
V/mV
Response Time (Note 8)
T
A=25˚C
200
ns
Saturation Voltage
V
IN
≤−5 mV, I
OUT=50 mA
0.75
1.5
V
T
A=25˚C
Strobe ON Current (Note 9)
T
A=25˚C
2.0
5.0
mA
Output Leakage Current
V
IN
≥5 mV, V
OUT=35V
0.2
10
nA
T
A=25˚C, ISTROBE=3 mA
Input Offset Voltage (Note 7)
R
S
≤50 k
4.0
mV
Input Offset Current (Note 7)
20
nA
Input Bias Current
150
nA
Input Voltage Range
V
+=15V, V−=−15V, Pin 7
−14.5
13.8,-14.7
13.0
V
Pull-Up May Go To 5V
Saturation Voltage
V
+
≥4.5V, V−=0
0.23
0.4
V
V
IN
≤−6 mV, I
OUT
≤8mA
Output Leakage Current
V
IN
≥5 mV, V
OUT=35V
0.1
0.5
µA
Positive Supply Current
T
A=25˚C
5.1
6.0
mA
Negative Supply Current
T
A=25˚C
4.1
5.0
mA
Note 4: This rating applies for ±15 supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to the
negative supply voltage or 30V below the positive supply, whichever is less.
Note 5: The maximum junction temperature of the LM111 is 150˚C, while that of the LM211 is 110˚C. For operating at elevated temperatures, devices in the H08
package must be derated based on a thermal resistance of 165˚C/W, junction to ambient, or 20˚C/W, junction to case. The thermal resistance of the dual-in-line
package is 110˚C/W, junction to ambient.
Note 6: These specifications apply for VS=±15V and Ground pin at ground, and −55˚C≤TA≤+125˚C, unless otherwise stated. With the LM211, however, all
temperature specifications are limited to −25˚C
≤TA≤+85˚C. The offset voltage, offset current and bias current specifications apply for any supply voltage from a single
5V supply up to ±15V supplies.
Note 7: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply witha1mA load. Thus, these
parameters define an error band and take into account the worst-case effects of voltage gain and RS.
Note 8: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 9: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not short the strobe pin
to ground; it should be current driven at 3 to 5 mA.
Note 10: Refer to RETS111X for the LM111H, LM111J and LM111J-8 military specifications.
Note 11: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com