Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM111
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM111 Datasheet HTML 1Page - National Semiconductor (TI) LM111 Datasheet HTML 2Page - National Semiconductor (TI) LM111 Datasheet HTML 3Page - National Semiconductor (TI) LM111 Datasheet HTML 4Page - National Semiconductor (TI) LM111 Datasheet HTML 5Page - National Semiconductor (TI) LM111 Datasheet HTML 6Page - National Semiconductor (TI) LM111 Datasheet HTML 7Page - National Semiconductor (TI) LM111 Datasheet HTML 8Page - National Semiconductor (TI) LM111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5.0 Absolute Maximum Ratings for
the LM311(Note 12)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Total Supply Voltage (V
84)
36V
Output to Negative Supply Voltage
(V
74)
40V
Ground to Negative Supply Voltage
(V
14)
30V
Differential Input Voltage
±30V
Input Voltage (Note 13)
±15V
Power Dissipation (Note 14)
500 mW
ESD Rating (Note 19)
300V
Output Short Circuit Duration
10 sec
Operating Temperature Range
0˚ to 70˚C
Storage Temperature Range
−65˚C to 150˚C
Lead Temperature (soldering, 10 sec)
260˚C
Voltage at Strobe Pin
V
+−5V
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
Electrical Characteristics (Note 15) for the LM311
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage (Note 16)
T
A=25˚C, RS
≤50k
2.0
7.5
mV
Input Offset Current(Note 16)
T
A=25˚C
6.0
50
nA
Input Bias Current
T
A=25˚C
100
250
nA
Voltage Gain
T
A=25˚C
40
200
V/mV
Response Time (Note 17)
T
A=25˚C
200
ns
Saturation Voltage
V
IN
≤−10 mV, I
OUT=50 mA
0.75
1.5
V
T
A=25˚C
Strobe ON Current (Note 18)
T
A=25˚C
2.0
5.0
mA
Output Leakage Current
V
IN
≥10 mV, V
OUT=35V
T
A=25˚C, ISTROBE=3 mA
0.2
50
nA
V
= Pin 1 = −5V
Input Offset Voltage (Note 16)
R
S
≤50K
10
mV
Input Offset Current (Note 16)
70
nA
Input Bias Current
300
nA
Input Voltage Range
−14.5
13.8,−14.7
13.0
V
Saturation Voltage
V
+
≥4.5V, V=0
0.23
0.4
V
V
IN
≤−10 mV, I
OUT
≤8mA
Positive Supply Current
T
A=25˚C
5.1
7.5
mA
Negative Supply Current
T
A=25˚C
4.1
5.0
mA
Note 12: “Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.”
Note 13: This rating applies for ±15V supplies. The positive input voltage limit is 30V above the negative supply. The negative input voltage limit is equal to the
negative supply voltage or 30V below the positive supply, whichever is less.
Note 14: The maximum junction temperature of the LM311 is 110˚C. For operating at elevated temperature, devices in the H08 package must be derated based
on a thermal resistance of 165˚C/W, junction to ambient, or 20˚C/W, junction to case. The thermal resistance of the dual-in-line package is 100˚C/W, junction to
ambient.
Note 15: These specifications apply for VS=±15V and Pin 1 at ground, and 0˚C < TA < +70˚C, unless otherwise specified. The offset voltage, offset current and
bias current specifications apply for any supply voltage from a single 5V supply up to ±15V supplies.
Note 16: The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with 1 mA load. Thus, these
parameters define an error band and take into account the worst-case effects of voltage gain and RS.
Note 17: The response time specified (see definitions) is for a 100 mV input step with 5 mV overdrive.
Note 18: This specification gives the range of current which must be drawn from the strobe pin to ensure the output is properly disabled. Do not short the strobe
pin to ground; it should be current driven at 3 to 5 mA.
Note 19: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com