Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM111 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM111
Description  Voltage Comparator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM111 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM111 Datasheet HTML 1Page - National Semiconductor (TI) LM111 Datasheet HTML 2Page - National Semiconductor (TI) LM111 Datasheet HTML 3Page - National Semiconductor (TI) LM111 Datasheet HTML 4Page - National Semiconductor (TI) LM111 Datasheet HTML 5Page - National Semiconductor (TI) LM111 Datasheet HTML 6Page - National Semiconductor (TI) LM111 Datasheet HTML 7Page - National Semiconductor (TI) LM111 Datasheet HTML 8Page - National Semiconductor (TI) LM111 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LM111/LM211/LM311
Voltage Comparator
1.0 General Description
The LM111, LM211 and LM311 are voltage comparators that
have input currents nearly a thousand times lower than
devices like the LM106 or LM710. They are also designed to
operate over a wider range of supply voltages: from standard
±15V op amp supplies down to the single 5V supply used for
IC logic. Their output is compatible with RTL, DTL and TTL
as well as MOS circuits. Further, they can drive lamps or
relays, switching voltages up to 50V at currents as high as
50 mA.
Both the inputs and the outputs of the LM111, LM211 or the
LM311 can be isolated from system ground, and the output
can drive loads referred to ground, the positive supply or the
negative supply. Offset balancing and strobe capability are
provided and outputs can be wire OR’ed. Although slower
than the LM106 and LM710 (200 ns response time vs 40 ns)
the devices are also much less prone to spurious oscilla-
tions. The LM111 has the same pin configuration as the
LM106 and LM710.
The LM211 is identical to the LM111, except that its perfor-
mance is specified over a −25˚C to +85˚C temperature range
instead of −55˚C to +125˚C. The LM311 has a temperature
range of 0˚C to +70˚C.
2.0 Features
n
Operates from single 5V supply
n
Input current: 150 nA max. over temperature
n
Offset current: 20 nA max. over temperature
n
Differential input voltage range: ±30V
n
Power consumption: 135 mW at ±15V
3.0 Typical Applications (Note 3)
Offset Balancing
Strobing
00570436
00570437
Note: Do Not Ground Strobe Pin. Output is turned off when current is
pulled from Strobe Pin.
Increasing Input Stage Current (Note 1)
Detector for Magnetic Transducer
00570438
Note 1: Increases typical common mode slew from 7.0V/µs to 18V/µs.
00570439
January 2001
© 2004 National Semiconductor Corporation
DS005704
www.national.com


Similar Part No. - LM111

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
71Kb / 4P
Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM111 STMICROELECTRONICS-LM111 Datasheet
236Kb / 14P
Voltage comparator with strobe
Sep-2006
logo
Linear Technology
LM111 LINER-LM111 Datasheet
467Kb / 8P
Voltage Comparator
logo
NXP Semiconductors
LM111 PHILIPS-LM111 Datasheet
86Kb / 8P
Voltage comparator
2003 Sep 30
logo
National Semiconductor ...
LM111 NSC-LM111 Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
More results

Similar Description - LM111

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
VOLTAGE COMPARATOR?
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
Voltage Comparator
RH111 LINER-RH111 Datasheet
143Kb / 4P
Voltage Comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
VOLTAGE COMPARATOR
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
Voltage Comparator
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
Voltage comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com