Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE Datasheet(PDF) 1 Page - Copal Electronics

Part # APE
Description  Subminiature Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

APE Datasheet(HTML) 1 Page - Copal Electronics

  APE Datasheet HTML 1Page - Copal Electronics APE Datasheet HTML 2Page - Copal Electronics APE Datasheet HTML 3Page - Copal Electronics APE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APE
Subminiature Pushbutton Switches
■Features
1. Twin-contact clip mechanism for high reliability.
2. Process sealed structure
3. Gold-plated contacts.
4. Terminal pin pitch: 2.54 mm.
5. UL recognized
■ Part Numbering
■ :WLJPÄJH[PVUZ
Rating
0.4VA AC
、DC
Max:50mA 60VAC/DC Min:1
μA 20mVAC/DC
Initial contact resistance
50m
Ωmax. 
(1.5mA 200μVAC)
Dielectric strength
250VAC 1 minute
Initial Insulation resistance 500M
Ω min.
(500VDC)
Electrical life
10,000 operations at maximum rating.
30,000 operations at 0.4VA
Operating force
0.78
∼2.94N
Operating
temperature range
−20∼+85℃
Storage
temperature range
−40∼+85℃
A
PE
2
F
−
2
M
− 10 − Z
Series code
Actuator shape
Actuator shape
Clip contact mechanism
Actuator shape
Number of poles
Number of poles
Switching function
Switching function
ON −(ON)
Terminal style
Terminal style
Type
PE
F
M
1
2
2
5
6
Code
Code
Code
Fig.
Fig.
1 pole
Push type
Right angle
(0.2 inch pitch)
Right angle
(0.3 inch pitch)
PC Straight
Standard
2 poles
■Optional Accessories ……………… Page 253.
(ON)
:Momentary.
UL
RoHS Compliant
Washable


Similar Part No. - APE

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APE0504 APLUS-APE0504 Datasheet
293Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
APE0612 APLUS-APE0612 Datasheet
242Kb / 6P
very low cost voice and melody synthesizer with 4-bits CPU
logo
Nais(Matsushita Electri...
APE10006 NAIS-APE10006 Datasheet
88Kb / 3P
THE SLIM POWER RELAY
APE10012 NAIS-APE10012 Datasheet
88Kb / 3P
THE SLIM POWER RELAY
APE10018 NAIS-APE10018 Datasheet
88Kb / 3P
THE SLIM POWER RELAY
More results

Similar Description - APE

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8500 ITT-8500 Datasheet
585Kb / 5P
Subminiature Pushbutton Switches
KM1202A05B ITT-KM1202A05B Datasheet
234Kb / 4P
Subminiature Pushbutton Switches
logo
GREATECS
HB15SKW01-5C-CB GREATECS-HB15SKW01-5C-CB Datasheet
150Kb / 2P
Illuminated Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500 Datasheet
342Kb / 5P
Subminiature Pushbutton Switches
KM1202A05BE CK-COMPONENTS-KM1202A05BE Datasheet
200Kb / 4P
Subminiature Pushbutton Switches
logo
Grayhill, Inc
38GWSP8M7RT GRAYHILL-38GWSP8M7RT Datasheet
379Kb / 4P
Sealed Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
Subminiature Pushbutton Switches
logo
C&K Components
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
Subminiature Pushbutton Switches
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
Subminiature Pushbutton Switches
KM CK-COMPONENTS-KM Datasheet
464Kb / 4P
Subminiature Pushbutton Switches
8 Aug 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com