Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE Datasheet(PDF) 4 Page - Copal Electronics

Part # APE
Description  Subminiature Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

APE Datasheet(HTML) 4 Page - Copal Electronics

  APE Datasheet HTML 1Page - Copal Electronics APE Datasheet HTML 2Page - Copal Electronics APE Datasheet HTML 3Page - Copal Electronics APE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APE
■ :VSKLYPUN:WLJPÄJH[PVUZ
⑴Manual Soldering
Device:Soldering iron
380
°
C, Max.; 3 seconds, Max.
⑵Auto Soldering
Device:Jet wave type or dip type
275
°
C, Max.; 6 seconds, Max.
・Pre-heating should be done at temperatures ranging from 80°
C to 120
°
C and within 120 seconds.
■PC Hole Layouts(AP・APE)
 PC Straight
Mounting
Type
Without Bracket
When optional Bracket is used.
140000640314 or 140000640316 140000640315 or 140000640317
140000640318
AP-M
AP-S
AP-H
APE
1 pole
AP-M
AP-S
AP-H
2 poles
APE
2 poles
■Right-angle Terminal
  
Terminal
Type
0.2
−inch pitch
0.3
−inch pitch
AP-M
AP-S
APE
1 pole
2 poles
■Flux Cleaning
⑴Solvent :Fluorine or Alcohol type.
⑵Cleaning after soldering should be done after the terminal
temperature falls to 90
℃ or below, or after leaving the
switch for five minutes or longer at room temperature.
⑶Do not use ultrasonic cleaning.
■7HJRHNPUN :WLJPÄJH[PVU



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com