Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APE Datasheet(PDF) 3 Page - Copal Electronics

Part # APE
Description  Subminiature Pushbutton Switches
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

APE Datasheet(HTML) 3 Page - Copal Electronics

  APE Datasheet HTML 1Page - Copal Electronics APE Datasheet HTML 2Page - Copal Electronics APE Datasheet HTML 3Page - Copal Electronics APE Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APE
■Right angle terminals
■Button Shape
Standard
(M)
■Mounting of Switch
●Use PC boards with hole diameter of 1mm.
●Do not bend the terminal pins before mounting the switch on
the PC board.
●After mounting the switch, do not place the device in such a
way that the device weight will be applied on to the actuator of
the switch.
●Do not apply load exceeding 12.7 N to the actuator. If load
exceeding 12.7 N is expected to be applied to the actuator,
please use a Bracket (optional accessory sold separately).
Maximum load will be 29.4 N when a Bracket is used.
●Use Bracket 140000640314 or 140000640318 for side-by-
side mounting.
●To increase mounting strength, use Bracket 140000640315.
●PC Hole Layouts will change depending on the Bracket.
Please refer to P.249.
■Bracket Installation Procedure
1 pole
2 poles
●The space between the terminal rows are available in
two dimensions: 0.2 inches (5.08 mm) and 0.3 inches
(7.62 mm).
 [Example]  0.2-inch pitch : APE1F-5M-10-Z
0.3-inch pitch : APE1F-6M-10-Z
■Color Cap Mounting
Refer to P.253.
:Optional Accessories.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com