Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150AP Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 2 Page - Texas Instruments

  ISO150AP Datasheet HTML 1Page - Texas Instruments ISO150AP Datasheet HTML 2Page - Texas Instruments ISO150AP Datasheet HTML 3Page - Texas Instruments ISO150AP Datasheet HTML 4Page - Texas Instruments ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ABSOLUTE MAXIMUM RATINGS
REGULATORY INFORMATION
ISO150
SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008 .......................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
TRANSPORT
PACKAGE
PACKAGE
PACKAGE
ORDERING
PRODUCT
TEMPERATURE
MEDIA,
LEAD
DESIGNATOR
MARKING
NUMBER
RANGE
QUANTITY
ISO150AU
Rails, 28
ISO150AU
SO-28
DVB
–40°C to 85°C
ISO150AU
ISO150AU/1K
Tape and Reel, 1000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1) (2)
UNIT
Storage temperature
–40°C to 125°C
VS
Supply voltage
–0.5 V to 6 V
VI
Transmitter input voltage
–0.5 V to VS + 0.5 V
VO
Receiver output voltage
–0.5 V to VS + 0.5 V
R/Tx inputs
–0.5 V to VS + 0.5 V
VISO
Isolation voltage dV/dt
500 kV/
µs
Dx
Short to ground
Continuous
TJ
Junction temperature
125°C
Lead temperature (soldering, 10s)
260°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute maximum rated conditions for extended periods may affect device reliability.
(2)
This isolator is suitable for basic insulation applications within the safety limiting data. Maintenance of the safety data must be ensured
by means of protective circuitry.
UL
Recognized under 1577 Component Recognition Program(1)
File Number: E181974
(1)
Production tested at 2400 VRMS for 1 second in accordance with UL 1577.
2
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com