Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150AP Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO150AP Datasheet HTML 4Page - Texas Instruments ISO150AP Datasheet HTML 5Page - Texas Instruments ISO150AP Datasheet HTML 6Page - Texas Instruments ISO150AP Datasheet HTML 7Page - Texas Instruments ISO150AP Datasheet HTML 8Page - Texas Instruments ISO150AP Datasheet HTML 9Page - Texas Instruments ISO150AP Datasheet HTML 10Page - Texas Instruments ISO150AP Datasheet HTML 11Page - Texas Instruments ISO150AP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
APPLICATION INFORMATION
Data In
+5V (1)
+5V (1)
(1)
(1)
(2)
(1)
(1)
(2)
Channel 2
Data Out
Channel 1
Data Out
Channel 2
Data In
Channel 1
(Transmit)
(Transmit)
(Receive)
(Receive)
Channel 2
Channel 1
Side A
Side B
GA
D2A R/T2A
D2B
VSB R/T2B
D1B
GB
R/T1B
VSA
D1A R/T1A
NOTES: (1) Power Supplies and
grounds on side A and side B are
isolated. (2) Recommended bypass:
0.1 m F in parallel with 1nF.
Data
(I/O)
DE/RE
+5V
”1”
(+5V)
RE
D
R
A
B
BUS
+5V
+5V
DE
SN65HVD05
Channel 2
Channel 1
Side A
Side B
G
A
D
2A
R/T
2A
D
2B
V
SB
R/T
2B
D1B
GB
R/T1B
V
SA
D
1A
R/T
1A
ISO150
SBOS032D – SEPTEMBER 2000 – REVISED AUGUST 2008 .......................................................................................................................................... www.ti.com
shown. The transmission direction can be controlled
Figure 14 shows the ISO150 connected for basic
by logic signals applied to the R/T pins. Channel 1
operation; Channel 1 is configured to transmit data
and 2 can be independently controlled for the desired
from side B to A, whereas Channel 2 is set for
transmission direction. See Figure 15 and Figure 16
transmission from side A to B. The R/T pins for each
for application examples using the ISO150.
of the four transceivers are shown connected to the
required logic level for the transmission direction
Figure 14. Basic Operation Diagram
Figure 15. Isolated RS-485 Interface
8
Submit Documentation Feedback
Copyright © 2000–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com