Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO150AP Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO150AP
Description  DUAL, ISOLATED, BIDIRECTIONAL DIGITAL COUPLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO150AP Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO150AP Datasheet HTML 12Page - Texas Instruments ISO150AP Datasheet HTML 13Page - Texas Instruments ISO150AP Datasheet HTML 14Page - Texas Instruments ISO150AP Datasheet HTML 15Page - Texas Instruments ISO150AP Datasheet HTML 16Page - Texas Instruments ISO150AP Datasheet HTML 17Page - Texas Instruments ISO150AP Datasheet HTML 18Page - Texas Instruments ISO150AP Datasheet HTML 19Page - Texas Instruments ISO150AP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
MECHANICAL DATA
MPDI068 – AUGUST 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
NVG (R-PDIP-T12/24)
PLASTIC DUAL-IN-LINE
4202644/A 08/01
0.150 (3,81)
0.115 (2,92)
–C–
0.005 (0,13) MIN
1/2 Lead 4 PL
112
13
24
1.195 (30,35)
1.160 (29,46)
0.630 (16,00)
0.655 (16,64)
0.240 (6,10)
0.280 (7,11)
0.070 (1,78)
0.045 (1,14)
0.030 (0,76)
0.045 (1,14)
0.014 (0,36)
0.022 (0,56)
4 PL
0.010 (0,25) MC
0.210 (5,33)
0.195 (4,95)
0.115 (2,92)
0.300 (7,62)
MAX
0.430 (10,92)
0.000 (0,00)
0.060 (1,52)
0.014 (0,36)
0.008 (0,20)
0.325 (8,26)
0.300 (7,62)
Index
Area
0.015 (0,38)
MIN
0.100 (2,54)
Seating Plane
Base Plane
MAX
D
D
C
C
H
H
D
E
E
C
F
F
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Dimensions are measured with the package
seated in JEDEC seating plane gauge GS-3.
D. Dimensions do not include mold flash or protrusions.
Mold flash or protrusions shall not exceed 0.010 (0,25).
E. Dimensions measured with the leads constrained to be
perpendicular to Datum C.
F. Dimensions are measured at the lead tips with the
leads unconstrained.
G. Pointed or rounded lead tips are preferred to ease
insertion.
H. Maximum dimensions do not include dambar
protrusions. Dambar protrusions shall not exceed
0.010 (0,25).
I. Distance between leads including dambar protrusions
to be 0.005 (0,13) minimum.
J. A visual index feature must be located within the
cross–hatched area.
K. For automatic insertion, any raised irregularity on the
top surface (step, mesa, etc.) shall be symmetrical
about the lateral and longitudinal package centerlines.
L. Controlling dimension in inches.
M. Falls within JEDEC-MS-001-BE with exception of lead
count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com