Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly-Integrated Digital Controller for Isolated Power
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 12Page - Texas Instruments UCD3138ARMHT Datasheet HTML 13Page - Texas Instruments UCD3138ARMHT Datasheet HTML 14Page - Texas Instruments UCD3138ARMHT Datasheet HTML 15Page - Texas Instruments UCD3138ARMHT Datasheet HTML 16Page - Texas Instruments UCD3138ARMHT Datasheet HTML 17Page - Texas Instruments UCD3138ARMHT Datasheet HTML 18Page - Texas Instruments UCD3138ARMHT Datasheet HTML 19Page - Texas Instruments UCD3138ARMHT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 87 page
background image
16
UCD3138A
SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: UCD3138A
Specifications
Copyright © 2015–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
3 V
≤ VV33A = VV33D = VV33DIO ≤ to 3.6 V, 1 μF of capacitance from BP18 to DGND, –40°C ≤ TJ ≤ 125°C (unless otherwise
noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
(2)
Minimum and maximum values are specified by design and characterization data.
(3)
DPWM outputs are low after reset. Other GPIO pins are configured as inputs after reset.
(4)
On the 40-pin package V33DIO is connected to V33D internally.
(5)
The maximum total current, IOH(max) and IOL(max) for all outputs combined, should not exceed 12 mA to hold the maximum voltage drop
specified. Maximum sink current per pin = –6 mA at VOL; maximum source current per pin = 6 mA at VOH.
(6)
Time from close of error ADC sample window to time when digitally calculated control effort (duty cycle) is available. This delay, which
has no variation associated with it, must be accounted for when calculating the system dynamic response.
ADC12 INL integral nonlinearity, end
point(2) (See Figure 6-1)
ADC_SAMPLINGSEL = 0 to 6 for all
ADC12 data
–3.9
±2
4.5
LSB
ADC12 INL integral nonlinearity, best
fit(2) (See Figure 6-1)
–2.3
±1.5
2.6
LSB
ADC12 DNL differential nonlinearity(2)
–0.8/+2.4
LSB
ADC Zero Scale Error
–7
7
mV
ADC Full Scale Error
–35
35
mV
Input bias
VADC12 = 2.5 V
400
nA
Input leakage resistance(1)
ADC_SAMPLINGSEL = 0 or
ADC_SAMPLINGSEL = 6
1
M
Ω
Input Capacitance(1)
10
pF
ADC single sample conversion time(1)
ADC_SAMPLINGSEL = 0 or
ADC_SAMPLINGSEL = 6
3.9
μs
DIGITAL INPUTS/OUTPUTS(3)(4)
VOL
Low-level output voltage(5)
IOH = 4 mA, VV33DIO = 3 V
DGND
+ 0.25
V
VOH
High-level output voltage (5)
IOH = –4 mA, VV33DIO = 3 V
V33DIO
– 0.6
V
VIH
High-level input voltage
VV33DIO = 3 V
2.1
V
VIL
Low-level input voltage
VV33DIO = 3 V
1.1
V
IOH
Output sinking current
4
mA
IOL
Output sourcing current
–4
mA
SYSTEM PERFORMANCE
TWD
Watchdog time out range
Total time is: TWD ×
(WDCTRL.PERIOD + 1)
14.6
17
20.5
ms
Time to disable DPWM output based on
active FAULT pin signal
High level on FAULT pin
70
ns
Processor master clock (MCLK)
31.25
MHz
tDelay
Digital compensator delay(6)
(1 clock = 32 ns)
6
clocks
t(reset)
Pulse width needed at reset(1)
10
µs
Retention period of flash content (data
retention and program)
TJ = 25°C
100
years
Program time to erase one page or
block in data flash or program flash
20
ms
Program time to write one word in data
flash or program flash
20
µs
f(PCLK)
Internal oscillator frequency
240
250
260
MHz
Sync-in or sync-out pulse width
SYNC pin
256
ns
Flash read
1
MCLKs
Flash rrite
20
μs
ISHARE
Current share current source (See
Figure 7-16)
238
259
μA
RSHARE
Current share resistor (See Figure 7-
16)
9.75
10.3
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com