Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHT Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly-Integrated Digital Controller for Isolated Power
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 25 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 21Page - Texas Instruments UCD3138ARMHT Datasheet HTML 22Page - Texas Instruments UCD3138ARMHT Datasheet HTML 23Page - Texas Instruments UCD3138ARMHT Datasheet HTML 24Page - Texas Instruments UCD3138ARMHT Datasheet HTML 25Page - Texas Instruments UCD3138ARMHT Datasheet HTML 26Page - Texas Instruments UCD3138ARMHT Datasheet HTML 27Page - Texas Instruments UCD3138ARMHT Datasheet HTML 28Page - Texas Instruments UCD3138ARMHT Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 87 page
background image
P = FLT_STEP
P = - 1
P = 1
P = 0
A_CNT or B_CNT value
0
127
FLT_THRESH
TARGET_LOW
Else if A_CNT or B_CNT < FLT_THRESH
P = FLT_STEP
If in Manual Control Mode
P = Manual Control register value
Else if A_CNT or B_CNT < TARGET_LOW
P = - 1
Else if A_CNT or B_CNT > TARGET_LOW + TARGET_OFFSET
P = 1
Else
P = 0
TARGET_OFFSET
SR0_ DPWM
SR1_ DPWM
DTC0
DTC1
DETECT_ BLANK
DETECT_ LEN
DETECT
DETECT
DETECT
DETECT
ADJUST
ADJUST
25
UCD3138A
www.ti.com
SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138A
Specifications
Copyright © 2015–2016, Texas Instruments Incorporated
DTC0 and DTC1 are received body diode conduction inputs from UCD7138. SR0_DPWM and
SR1_DPWM are the DPWM waveforms for the SRs. The red and green edges are moving edges
controlled by both the filter output and the DTC interface. In each cycle, right after the falling edge of the
SR DPWM waveform, a body diode conduction time detection window is generated. The detection window
is defined by both DETECT_BLANK and DETECT_LEN registers. During this detection window, a 4-ns
timer capture counts how long the body diode conducts. Then the DPWM turn off edge of the next cycle is
adjusted accordingly.
Figure 5-7. Timing Diagram of the DTC Interface
Figure 5-8 shows how the turn off edge is adjusted based on the DTC measurement of the previous cycle.
The A_ADJ and B_ADJ registers in DTCMONITOR are signed accumulators; default value is 0.
Figure 5-8. DTC Interface Principle
Based on the DTC measured, in the next cycle:
•
A_ADJ = A_ADJ + A_
∆
•
A_ADJ = A_ADJ + B_
∆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com