Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138ARMHT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # UCD3138ARMHT
Description  Highly-Integrated Digital Controller for Isolated Power
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD3138ARMHT Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCD3138ARMHT Datasheet HTML 3Page - Texas Instruments UCD3138ARMHT Datasheet HTML 4Page - Texas Instruments UCD3138ARMHT Datasheet HTML 5Page - Texas Instruments UCD3138ARMHT Datasheet HTML 6Page - Texas Instruments UCD3138ARMHT Datasheet HTML 7Page - Texas Instruments UCD3138ARMHT Datasheet HTML 8Page - Texas Instruments UCD3138ARMHT Datasheet HTML 9Page - Texas Instruments UCD3138ARMHT Datasheet HTML 10Page - Texas Instruments UCD3138ARMHT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
7
UCD3138A
www.ti.com
SLUSC66C – MARCH 2015 – REVISED SEPTEMBER 2016
Submit Documentation Feedback
Product Folder Links: UCD3138A
Device Comparison
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
To facilitate simple OVP and UVP connections both comparators B and C are connected to the AD03 pin.
3
Device Comparison
3.1
Product Selection Matrix
FEATURE
UCD3138A 64 PIN
(RGC)
UCD3138A 40 PIN
(RMH)
UCD3138A 40 PIN
(RJA)
ARM7TDMI-S core processor
31.25 MHz
31.25 MHz
31.25 MHz
High resolution DPWM outputs (250-ps resolution)
8
8
8
Number of high speed independent feedback loops (number of
regulated output voltages)
3
3
3
12-bit, 267-ksps, general-purpose ADC channels
14
7
7
Digital comparators at ADC outputs
4
4
4
Flash memory (program)
32 kB
32 kB
32 kB
Flash memory (data)
2 kB
2 kB
2 kB
Flash security
√
√
√
RAM
4 kB
4 kB
4 kB
DPWM switching frequency
up to 2 MHz
up to 2 MHz
up to 2 MHz
Programmable fault inputs
4
1 + 2
1 + 2
High speed analog comparators with cycle-by-cycle current limiting
7(1)
6(1)
6(1)
UART (SCI)
2
1
1
PMBus
√
√
√
Timers
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
4 (16 bit) and
1 (24 bit)
Timer PWM outputs
2
1
1
Timer capture inputs
1
1
1
Watchdog
√
√
√
On-chip oscillator
√
√
√
Power-on reset and brown-out reset
√
√
√
Package offering
64 Pin VQFN
(9 mm × 9 mm)
40 Pin WQFN
(6 mm × 6 mm)
40 Pin WQFN
(6 mm × 6 mm)
Sync IN and sync OUT functions
√
√
√
Total GPIO (includes all pins with multiplexed functions such as,
DPWM, fault inputs, SCI, and so forth)
30
18
18
External interruptions
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com