Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1706 Datasheet(PDF) 11 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments DF1706 Datasheet HTML 10Page - Texas Instruments DF1706 Datasheet HTML 11Page - Texas Instruments DF1706 Datasheet HTML 12Page - Texas Instruments DF1706 Datasheet HTML 13Page - Texas Instruments DF1706 Datasheet HTML 14Page - Texas Instruments DF1706 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DF1706
11
SBAS182
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
MODE0
res
res
res
res
res
A1
A0
LDL
AL7
AL6
AL5
AL4
AL3
AL2
AL1
AL0
MODE1
res
res
res
res
res
A1
A0
LDR
AR7
AR6
AR5
AR4
AR3
AR2
AR1
AR0
MODE2
res
res
res
res
res
A1
A0
res
res
OW1
OW0
IW1
IW0
x4
DEM
MUT
MODE3
res
res
res
res
res
A1
A0
res
SF1
SF0
CKO
res
SRO
ATC
LRP
I2S
B15 B14 B13 B12 B11 B10 B9 B8 B7 B6 B5 B4 B3 B2 B1 B0
ML
MC
MD
FIGURE 8. Internal Mode Control Registers.
FIGURE 9. Software Interface Format.
REGISTER
BIT
NAME
NAME
DESCRIPTION
MODE0
AL[7:0]
Attenuation Data for the Left Channel
LDL
Attenuation Load Control for the Left Channel
A[1:0]
Register Address
res
Reserved
MODE1
AR[7:0]
Attenuation Data for the Right Channel
LDL
Attenuation Load Control for the Right Channel
A[1:0]
Register Address
res
Reserved
MODE2
MUT
Soft Mute Control
DEM
Digital De-Emphasis Control
x4
Oversampling Rate Control
IW[1:0]
Input Data Format and Word Length
OW[1:0]
Output Data Word Length
A[1:0]
Register Address
res
Reserved
MODE3
I2S
Input Data Format (I2S or Standard/Left-Justified)
LRP
LRCIN Polarity
ATC
Attenuator Control, Dependent or Independent
SRO
Digital Filter Roll-Off Selection (sharp or slow)
CKO
CLKO Frequency Selection (XTI or XTI
÷ 2)
SF[1:0]
Sample Rate Selection for De-Emphasis Function
A[1:0]
Register Address
res
Reserved
NOTE: All reserved bits should be programmed to 0.
TABLE V. Internal Register Mapping.
A1
A0
REGISTER SELECTED
0
0
MODE0
0
1
MODE1
1
0
MODE2
1
1
MODE3
TABLE VI. Internal Register Addressing.
0.5V
DD
0.5V
DD
0.5V
DD
ML(1)
MC(2)
MD
NOTES: (1) ML rising edge to the next MC rising edge.
(2) MC rising edge for LSB to ML rising edge.
t
MLH
t
MHH
t
MCH
t
MCL
t
MDS
t
MCY
t
MLS
t
MLL
t
MDH
LSB
MC Pulse Cycle Time
MC Pulse Width LOW
MC Pulse Width HIGH
MD Hold Time
MD Set-Up Time
ML LOW Level Time
ML HIGH Level Time
ML Hold Time(1)
ML Set-Up Time(2)
t
MCY
t
MCL
t
MCH
t
MDH
t
MDS
t
MLL
t
MHH
t
MLH
t
MLS
100ns (min)
40ns (min)
40ns (min)
10ns (min)
10ns (min)
40ns
40ns
20ns (min)
20ns (min)
FIGURE 10. Software Interface Timing Requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com