Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1706 Datasheet(PDF) 4 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706 Datasheet(HTML) 4 Page - Texas Instruments

  DF1706 Datasheet HTML 1Page - Texas Instruments DF1706 Datasheet HTML 2Page - Texas Instruments DF1706 Datasheet HTML 3Page - Texas Instruments DF1706 Datasheet HTML 4Page - Texas Instruments DF1706 Datasheet HTML 5Page - Texas Instruments DF1706 Datasheet HTML 6Page - Texas Instruments DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DF1706
4
SBAS182
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = ±3.3V, fS = 44.1kHz, System Clock = 256fS/384fS, 16-bit data, unless otherwise noted.
DIGITAL FILTER (DE-EMPHASIS OFF, fS = 44.1kHz)
DE-EMPHASIS AND DE-EMPHASIS ERROR
04
3
2
1
Frequency (f
S)
20
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
FREQUENCY RESPONSE (Sharp Roll-Off)
0
0.50
0.45
0.40
0.30 0.35
0.25
0.20
0.15
0.10
0.05
Frequency (f
S)
0.00010
0.00008
0.00006
0.00004
0.00002
0
–0.00002
–0.00004
–0.00006
–0.00008
–0.00010
PASSBAND RIPPLE (Sharp Roll-Off)
04
3
2
1
Frequency (f
S)
0
–20
–40
–60
–80
–100
–120
–140
–160
–180
–200
FREQUENCY RESPONSE (Slow Roll Off)
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
Frequency (f
S)
TRANSITION CHARACTERISTIC (Slow Roll Off)
0
–5
–10
–15
014
12
10
8
6
4
2
Frequency (kHz)
0
–2
–4
–6
–8
–10
DE-EMPHASIS (f
S = 32kHz)
014
12
810
6
4
2
Frequency (kHz)
0.010
0.008
0.006
0.004
0.002
0
–0.002
–0.004
–0.006
–0.008
–0.010
DE-EMPHASIS ERROR (f
S = 32kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com