Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF1706 Datasheet(PDF) 1 Page - Texas Instruments

Part # DF1706
Description  Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DF1706 Datasheet(HTML) 1 Page - Texas Instruments

  DF1706 Datasheet HTML 1Page - Texas Instruments DF1706 Datasheet HTML 2Page - Texas Instruments DF1706 Datasheet HTML 3Page - Texas Instruments DF1706 Datasheet HTML 4Page - Texas Instruments DF1706 Datasheet HTML 5Page - Texas Instruments DF1706 Datasheet HTML 6Page - Texas Instruments DF1706 Datasheet HTML 7Page - Texas Instruments DF1706 Datasheet HTML 8Page - Texas Instruments DF1706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Stereo, 24-Bit, 192kHz
8x Oversampling Digital Interpolation Filter
49%
FPO
DF1706
DESCRIPTION
The DF1706 is a high performance, stereo, 8X
oversampling digital interpolation filter designed for
high-end consumer and professional audio applica-
tions. The DF1706 supports 24-bit, 192kHz operation
and features user-programmable functions, including
FEATURES
q COMPANION DIGITAL FILTER FOR THE
PCM1704 24-BIT AUDIO DAC
q HIGH PERFORMANCE FILTER:
Stopband Attenuation: –115dB
Passband Ripple:
±0.00005dB
q AUDIO INTERFACE:
Input Data Formats: Standard, Left-
Justified, and I2S
Input Word Length: 16, 20, or 24 Bits
Output Word Length: 16, 18, 20, or 24 Bits
Sampling Frequency: 32kHz to 192kHz
Serial
Input
I/F
Mode
Control
I/F
8X Oversampling
Digital Filter with
Function
Controller
Crystal/OSC
XTI
SCK
XTO
CLKO
(SF0) (SF1) (SRO)
V
DD
DGND
Output I/F
BCKO
WCKO
DOL
DOR
MC/LRIP
MD/CKO
LRCIN
DIN
BCKIN
x4
MODE
ML/RESV
(MUTE)
RST
(DEM)
Power Supply
Copyright © 2001, Texas Instruments Incorporated
SBAS182
Printed in U.S.A. January, 2001
www.ti.com
DF1706
q SYSTEM CLOCK: 128f
S, 192fS, 256fS,
384fS, 512fS, 768fS
q ON-CHIP CRYSTAL OSCILLATOR
q PROGRAMMABLE FUNCTIONS:
Hardware or Software Control Modes
Sharp or Slow Roll-Off Filter Response
Soft Mute
Digital De-Emphasis
Independent Left/Right Digital Attenuation
q +3.3V SINGLE-SUPPLY OPERATION
q SMALL SSOP-28 PACKAGE
selectable filter response, de-emphasis, attenuation,
and input/output data formats.
The DF1706 is the ideal companion for Texas
Instruments’s PCM1704 24-bit audio Digital-to-Ana-
log (D/A) converter. This combination allows for the
construction of very high-performance audio systems
and components.


Similar Part No. - DF1706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DF1706 TI1-DF1706 Datasheet
468Kb / 21P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
More results

Similar Description - DF1706

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8729 WOLFSON-WM8729 Datasheet
169Kb / 15P
24-bit, 192kHz Stereo DAC
logo
Burr-Brown (TI)
DF1704 BURR-BROWN-DF1704 Datasheet
222Kb / 16P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter DIGITAL-TO-ANALOG CONVERTER
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
24-Bit, 192kHz Stereo ADC
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
24-bit, 192kHz Stereo CODEC
WM8727 WOLFSON-WM8727_06 Datasheet
156Kb / 16P
24-bit 192kHz Stereo DAC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
24-Bit, 192kHz Stereo ADC
logo
Texas Instruments
DF1704E TI1-DF1704E Datasheet
450Kb / 20P
Stereo, 24-Bit, 96kHz 8X Oversampling Digital Interpolation Filter
DF1706 TI1-DF1706_14 Datasheet
468Kb / 21P
Stereo, 24-Bit, 192kHz 8x Oversampling Digital Interpolation Filter
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
192kHz 24-Bit Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com