Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9081F Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM9081F
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081F Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM9081F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DM9081
Final
3
Version: DM9081-DS-F01
April 22, 1997
Features
T Repeater functions comply with IEEE 802.3 Repeater
Unit specification
T Eight Integral 10BASE-T transceivers utilize the
required pre-distortion transmission technique
T Two Attachment Unit Interface (AUI) ports allow
connection with 10BASE5 (Ethernet) and 10BASE2
(Cheapernet) networks
T Design a Dumb Hub in minimum mode by using
minimum external logic that can respond to Link,
Carrier Sense and Collision Status from LED
T Supports one LED output per port for additional status
indicators such as Link, Partition, Carrier Sense, etc.
T Built-in Jabber LED reports global Jabber information
of the DM9081 Hub
T Built-in Traffic LED indicates Hub global 10MHz
bandwidth utilization status
T Expandable to accommodate two DM9081 connections,
with no external logic required
T On board PLL, Manchester encoder/decoder and FIFO
T Expandable to accommodate increased number of
repeater ports. Recommended IC cascade number: under
3 and inclusive
T Preamble loss effects eliminated by deep FIFO
T Each port can be isolated (partitioned) and reconnected
separately
T Twisted Pair Link Test capability
T Full amplitude and timing regeneration for
retransmitted signals
T Low power CMOS process with single 5V supply
T 100-pin QFP package
Pin Configuration
DTPO3-
TPO3-
DV DD
DV DD
LI/RX7
LI/RX6
LI/RX5
LI/RX4
DV DD
LI/RX3
LI/RX1
LI/RX0
LI/RX2
AUI1_CRS_LED
X1
COL_LED
RESET#
TESTPIN1
TESTPIN0
DGND
EXPIN#
DAT
EXPOUT#
TCK
NC
X2
NC
DV DD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
28
30
27
29
80
79
78
77
76
75
74
72
73
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
CDP2
CDN2
RXP2
RXN2
TXP2
TXN2
CDP1
CDN1
RXP1
AGND
RXD0-
RXD1+
RXD2-
RXD3+
RXD3-
RXD4+
RXD4-
RXD5+
RXD5-
RXD6+
RXD6-
RXD7+
RXD7-
DM9081F
DGND
AUI1_CRS_LED
RXD2+
RXD1-
RXD0+
AV DD
TXN1
TXP1
RXN1
LED_LATCH
AUI_LED
TP_BIT_LED
TP_POL_LED
TP_JAB_LED
TRAFFIC_LED
TP_PAR_LED
TP_LINK_LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com