Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9081F Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM9081F
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081F Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM9081F Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 15Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 16Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DM9081
Final
13
Version: DM9081-DS-F01
April 22, 1997
Absolute Maximum Ratings*
*Comments
Supply Voltage (VDD) ..............................-0.5V to +7.0V
DC Input Voltage (VIN)....................-0.5V to VCC +0.5V
DC Output Voltage (VOUT) ..............-0.5V to VCC +0.5V
Storage Temperature Range (Tstg) ........ -65
°C to +150°C
Power Dissipation (PD) ...........................................1.2W
Lead Temp. (TL) (Soldering, 10sec.) ..................... 260
°C
ESD Rating (Rzap=1.5K, Czap=100pF) ................2000V
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
DC Electrical Characteristics (VDD=5V
± 5%, TA=0°C to 70°C, unless otherwise specified.)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
VIL
Input Low Voltage
-0.5
0.8
V
DGND=0.0V, Except DAT
VIH
Input High Voltage
2.0
DVDD+0.5
V
Except DAT
VOL
Output Low Voltage
-
0.4
V
IOL=4mA
VOH
Output High Voltage
2.4
-
V
IOH=-4mA
IIL
Input Leakage Current
(also DAT as Input)
-
10
uA
DGND<VIN<DVDD
VILX
X2 Crystal Input Low Voltage
-0.5
1.0
V
DGND=0.0V
VIHX
X2 Crystal Input High Voltage
3.8
DVDD+0.5
V
DGND=0.0V
IILX
Crystal Input Low Current
-
10
uA
VIN=DGND
IIHX
Crystal Input High Current
-
10
uA
VIN=DVDD
AUI Port
VOD
Differential Output Voltage (TXP,
TXN)
550
1200
mV
78
Ω termination, and 270Ω
from each to GND
VOB
Differential Output Voltage
Imbalance (TXP, TXN)
-40
mV
78
Ω termination, and 270Ω
from each to GND
VU
Undershoot Voltage
(TXP, TXN)
-
100
mV
78
Ω termination, and 270Ω
from each to GND
VDS
Differential Squelch Threshold
(RXP/RXN and CDP/CDN)
175
300
mV
Negative pulse
VCM
Differential Input Common Mode
Voltage
(RXP/RXN and CDP/CDN)
VDD/2
V
Twisted Pair Port
VTIDF
TP Input Voltage
350
2000
mV
VOL
VOH
TPO+/TPO-/DTPO+/DTPO-:
Low
High
-
4.9
0.1
-
V
V
DC Output Series Impedance:
RTP0
TP Drives
-
10
Ω
RTPI
RXD+/RXD- Input Resistance
16
24
K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com