Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9081F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM9081F
Description  10BASE-T Hub Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9081F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM9081F Datasheet HTML 1Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 2Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 3Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9081F Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DM9081
4
Final
Version: DM9081-DS-F01
April 22, 1997
Pin Description
Pin No.
Pin Name
I/O
Description
Transceiver
100, 1
99, 2
34, 31
33, 32
39, 36
38, 37
44, 41
43, 42
49, 46
48, 47
84, 87
85, 86
89, 92
90, 91
94, 97
95, 96
DTPO3+/-
TPO3+/-
TPO4+/-
DTPO4+/-
TPO5+/-
DTPO5+/-
TPO6+/-
DTPO6+/-
TPO7+/-
DTPO7+/-
TPO0+/-
DTPO0+/-
TPO1+/-
DTPO1+/-
TPO2+/-
DTPO2+/-
O
TP Driver Outputs. The TPO+/- output generate 10Mbits/s Manchester-
encoded data. The DTPO+/- outputs are one-half bit time delayed and
inverted with respect to TPO+/-. These four outputs provide the TP drivers
with pre-distortion capability
52, 51
54, 53
56, 55
58, 57
60, 59
62, 61
64, 63
66, 65
RXD7+/-
RXD6+/-
RXD5+/-
RXD4+/-
RXD3+/-
RXD2+/-
RXD1+/-
RXD0+/-
I
10BASE-T Port Different Data Receivers
70, 69
76, 75
TXP1, TXN1
TXP2, TXN2
O
AUI Port Different Data Drivers. The outputs are source followers that
require a 270
Ω pull-down resistor
72, 71
78, 77
RXP1, RXN1
RXP2, RXN2
I
AUI Port Differential Receive Input Pair
74, 73
80, 79
CDP1, CDN1
CDP2, CDN2
I
AUI Port Different Collision Input Pair
Expansion Port
24
EXPOUT#
O
The assertion of this signal indicates that DM9081 is transmitting data on
DAT pins. It is active low
22
EXPIN#
I
The assertion of this signal indicates that DM9081 is receiving data on
DAT pins. The receiving data will be broadcast to the other ports. It is
active low and is internally pulled high with a 100K
Ω resistor
23
DAT
I/O,Z
The DAT pins of all DM9081 chips are inter-connected. The active
DM9081 drives DAT with repeated data or jam signals in NRZ format.
The inactive DM9081 receives the repeated data or jam signals from the
DAT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com