Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1086Z Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1086Z
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086Z Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1086Z Datasheet HTML 2Page - Dallas Semiconductor DS1086Z Datasheet HTML 3Page - Dallas Semiconductor DS1086Z Datasheet HTML 4Page - Dallas Semiconductor DS1086Z Datasheet HTML 5Page - Dallas Semiconductor DS1086Z Datasheet HTML 6Page - Dallas Semiconductor DS1086Z Datasheet HTML 7Page - Dallas Semiconductor DS1086Z Datasheet HTML 8Page - Dallas Semiconductor DS1086Z Datasheet HTML 9Page - Dallas Semiconductor DS1086Z Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical Operating Characteristics
(VCC = 5.0V, TA = 25°C, unless otherwise noted)
DS1086 Spread-Spectrum EconOscillator
6
_____________________________________________________________________
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
11
12
13
14
15
16
17
18
19
20
10
070
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5.15
5.05
4.95
4.85
4.75
5.25
11
12
13
14
15
16
17
18
19
20
10
SUPPLY CURRENT vs. PRESCALER
PRESCALER
200
150
100
50
0250
11
12
13
14
15
16
17
18
19
20
10
5.25V
5.0V
4.75V
SUPPLY CURRENT vs. PRESCALER
PRESCALER
200
150
100
50
0250
11
12
13
14
15
16
17
18
19
20
10
70
°C, 25°C, AND 0°C
SUPPLY CURRENT vs. TEMPERATURE
WITH OE = 0
TEMPERATURE (
°C)
60
50
30
40
20
10
1
2
3
4
5
6
7
8
9
10
0
070
SUPPLY CURRENT vs. TEMPERATURE
WITH PDN = 0
TEMPERATURE (
°C)
60
50
30
40
20
10
1
2
3
4
5
6
7
8
9
10
0
070
FREQUENCY PERCENT CHANGE
vs. SUPPLY VOLTAGE
VOLTAGE (V)
5.15
5.05
4.95
4.85
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
4.75
5.25
FREQUENCY PERCENT CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
50
30
40
20
10
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
070



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com