Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1086Z Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1086Z
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086Z Datasheet(HTML) 7 Page - Dallas Semiconductor

Back Button DS1086Z Datasheet HTML 3Page - Dallas Semiconductor DS1086Z Datasheet HTML 4Page - Dallas Semiconductor DS1086Z Datasheet HTML 5Page - Dallas Semiconductor DS1086Z Datasheet HTML 6Page - Dallas Semiconductor DS1086Z Datasheet HTML 7Page - Dallas Semiconductor DS1086Z Datasheet HTML 8Page - Dallas Semiconductor DS1086Z Datasheet HTML 9Page - Dallas Semiconductor DS1086Z Datasheet HTML 10Page - Dallas Semiconductor DS1086Z Datasheet HTML 11Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
_____________________________________________________________________
7
Pin Description
PIN
NAME
FUNCTION
1
OUT
Oscillator Output
2
SPRD
Dither Enable. When the pin is high, the dither is enabled. When the pin is low, the dither is disabled.
3VCC
Power Supply
4
GND
Ground
5OE
Output Enable. When the pin is high, the output buffer is enabled. When the pin is low, the output is
disabled but the master oscillator is still on.
6
PDN
Power-Down. When the pin is high, the master oscillator is enabled. When the pin is low, the master
oscillator is disabled (power-down mode).
7
SDA
2-Wire Serial Data. This pin is for serial data transfer to and from the device. The pin is open drain
and can be wire-OR’ed with other open-drain or open-collector interfaces.
8
SCL
2-Wire Serial Clock. This pin is used to clock data into the device on rising edges and clock data out
on falling edges.
DS1086
DITHERED 260kHz TO
133MHz OUTPUT
DECOUPLING CAPACITORS
(0.1
µF and 0.01µF)
SPRD
OUT
VCC
VCC
VCC
4.7k
Ω
4.7k
Ω
VCC
2-WIRE
INTERFACE
GND
SCL
SDA
PDN
OE
Processor-Controlled Mode
DS1086
XTL1/OSC1
MICRO-
PROCESSOR
XTL2/OSC2
DITHERED 260kHz TO
133MHz OUTPUT
DECOUPLING CAPACITORS
(0.1
µF and 0.01µF)
*SDA AND SCL CAN BE CONNECTED DIRECTLY HIGH IF THE DS1086 NEVER NEEDS
TO BE PROGRAMMED IN-CIRCUIT, INCLUDING DURING PRODUCTION TESTING.
SPRD
OUT
VCC
VCC
VCC
GND
N.C.
SCL*
SDA*
PDN
OE
Stand-Alone Mode
CLOCK SPECTRUM COMPARISON
(9kHz BW, PEAK DETECT)
FREQUENCY (MHz)
94
91
93
92
-35
-30
-25
-20
-15
-10
-5
0
-40
90
95
DS1086 NO DITHER
DS1086 4% DITHER
CRYSTAL OSC
Figure 1. Clock Spectrum Dither Comparison
MAXIMUM TEMPERATURE VARIATION
vs. MASTER FREQUENCY
FREQUENCY (MHz)
82.75
116.25
99.50
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
66.00
133.00
Figure 2. Temperature Variation Over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com