Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1086Z Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1086Z
Description  DS1086 Spread-Spectrum EconOscillator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1086Z Datasheet(HTML) 8 Page - Dallas Semiconductor

Back Button DS1086Z Datasheet HTML 4Page - Dallas Semiconductor DS1086Z Datasheet HTML 5Page - Dallas Semiconductor DS1086Z Datasheet HTML 6Page - Dallas Semiconductor DS1086Z Datasheet HTML 7Page - Dallas Semiconductor DS1086Z Datasheet HTML 8Page - Dallas Semiconductor DS1086Z Datasheet HTML 9Page - Dallas Semiconductor DS1086Z Datasheet HTML 10Page - Dallas Semiconductor DS1086Z Datasheet HTML 11Page - Dallas Semiconductor DS1086Z Datasheet HTML 12Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
DS1086 Spread-Spectrum EconOscillator
8
_____________________________________________________________________
Detailed Description
A block diagram of the DS1086 is shown in Figure 3.
The internal master oscillator generates a square wave
with a 66MHz to 133MHz frequency range. The fre-
quency of the master oscillator can be programmed
with the DAC register over a two-to-one range in 10kHz
steps. The master oscillator range is larger than the
range possible with the DAC step size, so the OFFSET
register is used to select a smaller range of frequencies
over which the DAC spans. The prescaler can then be
set to divide the master oscillator frequency by 2x
(where x equals 0 to 8) before routing the signal to the
output (OUT) pin.
A programmable triangle-wave generator injects an off-
set element into the master oscillator to dither its output
2% or 4%. The dither is controlled by the J0 bit in the
PRESCALER register and enabled with the SPRD pin.
The maximum spectral attenuation occurs when the
prescaler is set to 1. The spectral attenuation is
reduced by 2.7dB for every factor of 2 that is used in
the prescaler. This happens because the prescaler’s
divider function tends to average the dither in creating
the lower frequency. However, the most stringent spec-
tral emission limits are imposed on the higher frequen-
cies where the prescaler is set to a low divider ratio.
The external control input, OE, gates the clock output
buffer. The
PDN pin disables the master oscillator and
turns off the clock output for power-sensitive applica-
tions*. On power-up, the clock output is disabled until
power is stable and the master oscillator has generated
512 clock cycles. Both controls feature a synchronous
enable that ensures there are no output glitches when
the output is enabled, and a constant time interval (for a
given frequency setting) from an enable signal to the
first output transition.
The control registers are programmed through a 2-wire
interface and are used to determine the output frequen-
cy and settings. Once programmed into EEPROM,
since the register settings are NV, the settings only
need to be reprogrammed if it is desired to reconfigure
the device.
OFFSET
FREQUENCY RANGE (MHz)
OS - 6
61.44 to 71.67
OS - 5
66.56 to 76.79
OS - 4
71.68 to 81.91
OS - 3
76.80 to 87.03
OS - 2
81.92 to 92.15
OS - 1
87.04 to 97.27
OS*
92.16 to 102.39
OS + 1
97.28 to 107.51
OS + 2
102.40 to 112.63
OS + 3
107.52 to 117.75
OS + 4
112.64 to 122.87
OS + 5
117.76 to 127.99
OS + 6
122.88 to 133.11
*Factory default setting. OS is the integer value of the 5 LSBs
of the RANGE register.
REGISTER
ADDR
MSB
BINARY
LSB
FACTORY
DEFAULT
ACCESS
PRESCALER
02h
X1
X1
XX
J0
P3
P2
P1
P0
11100000b
R/W
DAC HIGH
08h
b9
b8
b7
b6
b5
b4
b3
b2
01111101b
R/W
DAC LOW
09h
b1
b0
X0
X0
X0
X0
X0
X0
00000000b
R/W
OFFSET
0Eh
X1
X1
X1
b4
b3
b2
b1
b0
1 1 1 - - - - - b
R/W
ADDR
0Dh
X1
X1
X1
X1
WC
A2
A1
A0
11110000b
R/W
RANGE
37h
XX
XX
XX
b4
b3
b2
b1
b0
xxx- - - - - b
R
WRITE EE
3Fh
NO DATA
——
Table 1. Register Summary
X0 = Don’t care, reads as zero.
X1 = Don’t care, reads as one.
XX = Don’t care, reads indeterminate.
X = Don’t care.
Table 2. Offset Settings
*The power-down command must persist for at least two out-
put frequency cycles plus 10µs for deglitching purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com