Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET115D12-Z Datasheet(PDF) 9 Page - Copal Electronics

Part # ET115D12-Z
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET115D12-Z Datasheet(HTML) 9 Page - Copal Electronics

Back Button ET115D12-Z Datasheet HTML 5Page - Copal Electronics ET115D12-Z Datasheet HTML 6Page - Copal Electronics ET115D12-Z Datasheet HTML 7Page - Copal Electronics ET115D12-Z Datasheet HTML 8Page - Copal Electronics ET115D12-Z Datasheet HTML 9Page - Copal Electronics ET115D12-Z Datasheet HTML 10Page - Copal Electronics ET115D12-Z Datasheet HTML 11Page - Copal Electronics ET115D12-Z Datasheet HTML 12Page - Copal Electronics ET115D12-Z Datasheet HTML 13Page - Copal Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
M12×1
M12×1
M12×1
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET310A■−Z
34±2
−
29.1±1
ET310D■−Z
ET310E■−Z
36.4±1
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET310A■
ET310D■
ET310E■
AC125V 10A
AC250V 7A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET325A12
ET325D12
ET325E12
AC125V 25A
AC250V 15A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET315A12
ET315D12
ET315E12
AC125V 15A
AC250V 10A 20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
ET315F12
ET315G12
ET315H12
AC125V 15A
AC250V 10A
Switching
function
Part No.
Key way
Key way
Key way
ET310A■−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9
−−
ET310D■−Z
ON
−
ON
ET310E■−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9
−
2−1 5−4
8−7
Switching
function
Part No.
Key way
Key way
Key way
★ET325A12−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9
−−
★ET325D12−Z
ON
−
ON
★ET325E12−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9
−
2−1 5−4
8−7
Switching
function
Part No.
Key way
Key way
Key way
★ET315A12−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9
−−
★ET315D12−Z
ON
−
ON
★ET315E12−Z
ON
OFF
ON
★ET315F12−Z
ON
−
(ON)
★ET315G12−Z
(ON)
OFF
(ON)
★ET315H12−Z
ON
OFF
(ON)
Connecting terminals 2−3 5−6
8−9
−
2−1 5−4
8−7
ET310(3 poles)
ET315□12(3 poles)
ET325□12(3 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■ shows the terminal style (blank) or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list
of part numbers.
(ON)
:Momentary.
Terminal pins No.2, No.5, and No.8 are not available in
switches with Switching Function
A .
Terminal pins No.2, No.5, and No.8 are not available in
switches with Switching Function
A .
Terminal pins No.2, No.5, and No.8 are not available in
switches with Switching Function
A .
★:Made to order products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com