Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET115D12-Z Datasheet(PDF) 10 Page - Copal Electronics

Part # ET115D12-Z
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET115D12-Z Datasheet(HTML) 10 Page - Copal Electronics

Back Button ET115D12-Z Datasheet HTML 6Page - Copal Electronics ET115D12-Z Datasheet HTML 7Page - Copal Electronics ET115D12-Z Datasheet HTML 8Page - Copal Electronics ET115D12-Z Datasheet HTML 9Page - Copal Electronics ET115D12-Z Datasheet HTML 10Page - Copal Electronics ET115D12-Z Datasheet HTML 11Page - Copal Electronics ET115D12-Z Datasheet HTML 12Page - Copal Electronics ET115D12-Z Datasheet HTML 13Page - Copal Electronics ET115D12-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M12×1
2-M3×0.5
ET
L dimensions
Terminal
style
Part No.
TAB#250 ScrewTerminal Solder Terminal
ET330A■−Z
33.9±2
−
29.1±1
ET330D12−Z
ET330E12−Z
−
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET330A■
ET330D12
ET330E12
AC125V 30A
AC250V 25A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET410R13
AC125V 10A
AC250V 7A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET410K12
ET410N12
ET410P12
AC125V 10A
AC250V 7A 20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
20,000
cycles
ET410R12
ET410S12
ET410T12
AC125V 10A
AC250V 7A
Switching
function
Part No.
Key way
Key way
Key way
 ET330A■−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9
−−
☆ET330D12−Z
ON
−
ON
★ET330E12−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9
−
2−1 5−4
8−7
Switching
function
Part No.
Viewed from part No. and rating marking side
★ET410R13−Z
ON
−
(ON)
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
Switching
function
Part No.
Key way
Key way
Key way
★ET410K12−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9 10−12
−−
★ET410N12−Z
ON
−
ON
★ET410P12−Z
ON
OFF
ON
★ET410R12−Z
ON
−
(ON)
★ET410S12−Z
(ON)
OFF
(ON)
▲ET410T12−Z
ON
OFF
(ON)
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
ET330□12(3 poles)
ET410□12(4 poles)
ET410□13(4 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
■ shows the terminal style (blank) , 10 , or 12 .
■:Refer to Table of Part Numbers on P.428 for a full list
of part numbers.
(ON)
:Momentary.
Terminal pins No.2, No.5, and No.8 are not available in
switches with Switching Function
A .
Terminal pins No.2, No.5, No.8, and No.11 are not available in
switches with Switching Function K .
★:Made to order products.
■Panel Cut-Out Dimensions
(Plate mounting type)
☆:Semi-standard products.
▲:Inquiry products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com