Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ET115D12-Z Datasheet(PDF) 12 Page - Copal Electronics

Part # ET115D12-Z
Description  Standard Size Toggle Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

ET115D12-Z Datasheet(HTML) 12 Page - Copal Electronics

Back Button ET115D12-Z Datasheet HTML 6Page - Copal Electronics ET115D12-Z Datasheet HTML 7Page - Copal Electronics ET115D12-Z Datasheet HTML 8Page - Copal Electronics ET115D12-Z Datasheet HTML 9Page - Copal Electronics ET115D12-Z Datasheet HTML 10Page - Copal Electronics ET115D12-Z Datasheet HTML 11Page - Copal Electronics ET115D12-Z Datasheet HTML 12Page - Copal Electronics ET115D12-Z Datasheet HTML 13Page - Copal Electronics ET115D12-Z Datasheet HTML 14Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
2-M3×0.5
12M×1
4-M3×0.5
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET420K13
ET420N13
ET420P13
AC125V 20A
AC250V 12A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET425K12
ET425N12
ET425P12
AC125V 25A
AC250V 15A
20mΩ Max.
(DC2V 100mA)
AC1500V
1minute
100MΩ Min.
(DC500V)
20,000
cycles
■
Rating
Initial contact
resistance
Dielectric
strength
Insulation
resistance
Electrical
life
ET610N13
AC125V 10A
AC250V 7A
20mΩ Max.
(DC2V 100mA)
AC1500V
1 minute
100MΩ Min.
(DC500V)
5,000
cycles
Switching
function
Part No.
Key way
Key way
Key way
★ET425K12−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9 10−12
−−
★ET425N12−Z
ON
−
ON
★ET425P12−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
Switching
function
Part No.
Viewed from part No. and rating marking side
★ET420K13−Z
ON
−
OFF
Connecting terminals 1−3 4−6
7−9 10−12
−−
★ET420N13−Z
ON
−
ON
★ET420P13−Z
ON
OFF
ON
Connecting terminals 2−3 5−6
8−9 11−12
−
2−1 5−4
8−7 11−10
Switching
function
Part No.
Viewed from part No. and rating marking side
☆ET610N13−Z
ON
−
ON
Connecting terminals
2−3 5−6
8−9 11−12
14−15 17−18
−
2−1 5−4
8−7 11−10
14−13 17−16
ET420□13(4 poles)
ET425□12(4 poles)
ET610N13(6 poles)
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
Terminal numbers are shown on the bottom of the switch.
ET
★:Made to order products.
☆:Semi-standard products.
Terminal pins No.2, No.5, No.8, and No.11 are not available in
switches with Switching Function
K .
Terminal pins No.2, No.5, No.8, and No.11 are not available in
switches with Switching Function
K .
■Panel Cut-Out Dimensions
■Panel Cut-Out Dimensions
(Plate mounting type)
(Plate mounting type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com