Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM308 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM308
Description  Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM308 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM308 Datasheet HTML 1Page - National Semiconductor (TI) LM308 Datasheet HTML 2Page - National Semiconductor (TI) LM308 Datasheet HTML 3Page - National Semiconductor (TI) LM308 Datasheet HTML 4Page - National Semiconductor (TI) LM308 Datasheet HTML 5Page - National Semiconductor (TI) LM308 Datasheet HTML 6Page - National Semiconductor (TI) LM308 Datasheet HTML 7Page - National Semiconductor (TI) LM308 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM308A Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g
18V
Power Dissipation (Note 1)
500 mW
Differential Input Current (Note 2)
g
10 mA
Input Voltage (Note 3)
g
15V
Output Short-Circuit Duration
Continuous
Operating Temperature Range
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
H-Package Lead Temperature
(Soldering 10 sec)
300 C
Lead Temperature (Soldering 10 sec) (DIP)
260 C
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
260 C
Small Outline Package
Vapor phase (60 sec)
215 C
Infrared (15 sec)
220 C
See An-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
ESD rating to be determined
Electrical Characteristics (Note 4)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
TA e 25 C
03
05
mV
Input Offset Current
TA e 25 C
02
1
nA
Input Bias Current
TA e 25 C
15
7
nA
Input Resistance
TA e 25 C10
40
MX
Supply Current
TA e 25 C VS e g15V
03
08
mA
Large Signal Voltage Gain
TA e 25 C VS e g15V
80
300
VmV
VOUT e g10V RL t 10 kX
Input Offset Voltage
VS e g15V RS e 100X
073
mV
Average Temperature Coefficient
VS e g15V RS e 100X
20
50
m
V C
of Input Offset Voltage
Input Offset Current
15
nA
Average Temperature Coefficient
20
10
pA C
of Input Offset Current
Input Bias Current
10
nA
Large Signal Voltage Gain
VS e g15V VOUT e g10V
60
VmV
RL t 10 kX
Output Voltage Swing
VS e g15V RL e 10 kX
g
13
g
14
V
Input Voltage Range
VS e g15V
g
14
V
Common Mode Rejection Ratio
96
110
dB
Supply Voltage Rejection Ratio
96
110
dB
Note 1
The maximum junction temperature of the LM308A is 85 C For operating at elevated temperatures devices in the H08 package must be derated based on
a thermal resistance of 160 CW junction to ambient or 20 CW junction to case The thermal resistance of the dual-in-line package is 100 CW junction to
ambient
Note 2
The inputs are shunted with back-to-back diodes for overvoltage protection Therefore excessive current will flow if a differential input voltage in excess of
1V is applied between the inputs unless some limiting resistance is used
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5V s VS s g15V and 0 C s TA s a70 C unless otherwise specified
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com