Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM308 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM308
Description  Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM308 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM308 Datasheet HTML 1Page - National Semiconductor (TI) LM308 Datasheet HTML 2Page - National Semiconductor (TI) LM308 Datasheet HTML 3Page - National Semiconductor (TI) LM308 Datasheet HTML 4Page - National Semiconductor (TI) LM308 Datasheet HTML 5Page - National Semiconductor (TI) LM308 Datasheet HTML 6Page - National Semiconductor (TI) LM308 Datasheet HTML 7Page - National Semiconductor (TI) LM308 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM108ALM208A Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
(Note 5)
Supply Voltage
g
20V
Power Dissipation (Note 1)
500 mW
Differential Input Current (Note 2)
g
10 mA
Input Voltage (Note 3)
g
15V
Output Short-Circuit Duration
Continuous
Operating Free Air Temperature Range
LM108A
b
55 Cto a125 C
LM208A
b
25 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 10 sec) (DIP)
260 C
Soldering Information
Dual-In-Line Package
Soldering (10 sec)
260 C
Small Outline Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
See An-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
ESD Tolerance (Note 6)
2000V
Electrical Characteristics (Note 4)
Parameter
Conditions
Min
Typ
Max
Units
Input Offset Voltage
TA e 25 C
03
05
mV
Input Offset Current
TA e 25 C
005
02
nA
Input Bias Current
TA e 25 C
08
20
nA
Input Resistance
TA e 25 C30
70
MX
Supply Current
TA e 25 C
03
06
mA
Large Signal Voltage Gain
TA e 25 C VS e g15V
80
300
VmV
VOUT e g10V RL t 10 kX
Input Offset Voltage
10
mV
Average Temperature Coefficient
10
50
m
V C
of Input Offset Voltage
Input Offset Current
04
nA
Average Temperature Coefficient
05
25
pA C
of Input Offset Current
Input Bias Current
30
nA
Supply Current
TA e 125 C
015
04
mA
Large Signal Voltage Gain
VS e g15V VOUT e g10V
40
VmV
RL t 10 kX
Output Voltage Swing
VS e g15V RL e 10 kX
g
13
g
14
V
Input Voltage Range
VS e g15V
g
135
V
Common Mode Rejection Ratio
96
110
dB
Supply Voltage Rejection Ratio
96
110
dB
Note 1
The maximum junction temperature of the LM108A is 150 C while that of the LM208A is 100 C For operating at elevated temperatures devices in the H08
package must be derated based on a thermal resistance of 160 CW junction to ambient or 20 CW junction to case The thermal resistance of the dual-in-line
package is 100 CW junction to ambient
Note 2
The inputs are shunted with back-to-back diodes for overvoltage protection Therefore excessive current will flow if a differential input voltage in excess of
1V is applied between the inputs unless some limiting resistance is used
Note 3
For supply voltages less than g15V the absolute maximum input voltage is equal to the supply voltage
Note 4
These specifications apply for g5V s VS s g20V and b55 C s TA s 125 C unless otherwise specified With the LM208A however all temperature
specifications are limited to b25 C s TA s 85 C
Note 5
Refer to RETS108AX for LM108AH and LM108AJ-8 military specifications
Note 6
Human body model 15 kX in series with 100 pF
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com