Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM308 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM308
Description  Operational Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM308 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM308 Datasheet HTML 1Page - National Semiconductor (TI) LM308 Datasheet HTML 2Page - National Semiconductor (TI) LM308 Datasheet HTML 3Page - National Semiconductor (TI) LM308 Datasheet HTML 4Page - National Semiconductor (TI) LM308 Datasheet HTML 5Page - National Semiconductor (TI) LM308 Datasheet HTML 6Page - National Semiconductor (TI) LM308 Datasheet HTML 7Page - National Semiconductor (TI) LM308 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLH7759
May 1989
LM108ALM208ALM308A Operational Amplifiers
General Description
The LM108LM108A series are precision operational ampli-
fiers having specifications about a factor of ten better than
FET amplifiers over their operating temperature range In
addition to low input currents these devices have extremely
low offset voltage making it possible to eliminate offset ad-
justments in most cases and obtain performance ap-
proaching chopper stabilized amplifiers
The devices operate with supply voltages from g2V to
g
18V and have sufficient supply rejection to use unregulat-
ed supplies Although the circuit is interchangeable with and
uses the same compensation as the LM101A an alternate
compensation scheme can be used to make it particularly
insensitive to power supply noise and to make supply by-
pass capacitors unnecessary
The low current error of the LM108A series makes possible
many designs that are not practical with conventional ampli-
fiers In fact it operates from 10 MX source resistances
introducing less error than devices like the 709 with 10 kX
sources Integrators with drifts less than 500 mVsec and
analog time delays in excess of one hour can be made us-
ing capacitors no larger than 1 mF
The LM208A is identical to the LM108A except that the
LM208A has its performance guaranteed over a b25 Cto
a
85 C temperature range instead of b55 Cto a125 C
The LM308A devices have slightly-relaxed specifications
and performances over a 0 Cto a70 C temperature range
Features
Y
Offset voltage guaranteed less than 05 mV
Y
Maximum input bias current of 30 nA over temperature
Y
Offset current less than 400 pA over temperature
Y
Supply current of only 300 mA even in saturation
Y
Guaranteed 5 mV C drift
Compensation Circuits
Standard Compensation Circuit
Cf t
R1 CO
R1aR2
CO e 30 pF
TLH7759 – 1
Bandwidth and slew rate are proportional to 1Cf
Bandwidth and slew rate are proportional to 1Cs
Alternate Frequency Compensation
Improves rejection of power supply
noise by a factor of ten
TLH7759 – 2
Feedforward Compensation
TLH7759 – 3
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - LM308

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308 LINER-LM308 Datasheet
451Kb / 8P
Operational Amplifiers?
logo
Intersil Corporation
LM308 INTERSIL-LM308 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
National Semiconductor ...
LM308 NSC-LM308 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Linear Technology
LM308 LINER-LM308 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
SYC Electronica
LM308 SYC-LM308 Datasheet
314Kb / 10P
LM108/LM208/LM308 Operational Amplifiers
More results

Similar Description - LM308

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
Operational Amplifiers
LM108 NSC-LM108 Datasheet
289Kb / 10P
Operational Amplifiers
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
Operational Amplifiers
REV. D
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
UM605B UTC-UM605B_15 Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
Operational Amplifiers
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com