Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMM0204003JB3 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # OMM0204003JB3
Description  Thin Film Mini-MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OMM0204003JB3 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button OMM0204003JB3 Datasheet HTML 4Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 5Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 6Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 7Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 8Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 9Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 10Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 11Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
8
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
All tests are carried out in accordance with the following
specifications:
EN 60115-1, generic specification
EN 60115-8
(successor
of
EN 140400),
sectional
specification
EN 140401-803, detail specification
IEC 60068-2-xx, test methods
The parameters stated in the Test Procedures and
Requirements table are based on the required tests and
permitted limits of EN 140401-803. The table presents only
the most important tests, for the full test schedule refer to
the documents listed above. However, some additional
tests and a number of improvements against those
minimum requirements have been included.
The testing also covers most of the requirements specified
by EIA/ECA-703 and JIS-C-5201-1.
The tests are carried out under standard atmospheric
conditions in accordance with IEC 60068-1, 4.3, whereupon
the following values are applied:
Temperature: 15 °C to 35 °C
Relative humidity: 25 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar).
A climatic category LCT / UCT / 56 is applied, defined by the
lower category temperature (LCT), the upper category
temperature (UCT), and the duration of exposure in the
damp heat, steady state test (56 days).
The components are mounted for testing on printed circuit
boards in accordance with EN 60115-8, 2.4.2, unless
otherwise specified.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (
ΔR)
SMM0204
< 1
Ω
1
Ω to < 10 Ω
10
Ω to ≤ 1 MΩ
> 1 M
Ω
4.8
-
Temperature
coefficient
At (20 / -55 / 20) °C
and (20 / 125 / 20) °C
± 100 ppm/K, ± 50 ppm/K, ± 25 ppm/K, ± 15 ppm/K
4.25.1
-
Endurance
at 70 °C:
precision
operation
mode
U =
≤ Umax.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
-
± (0.05 %
R
+ 0.005 
Ω)
-
70 °C; 8000 h
± (0.1 %
R
+ 0.005 
Ω)
Endurance
at 70 °C:
standard
operation
mode
U =
≤ Umax.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.15 %
R + 0.01 Ω)
± (0.1 %
R
+ 0.005 
Ω)
± (0.25 %
R)
70 °C; 8000 h
± (0.3 %
R + 0.01 Ω)
± (0.2 %
R
+ 0.005 
Ω)
± (0.5 %
R)
Endurance
at 70 °C:
power
operation
mode
U =
≤ Umax.;
1.5 h on; 0.5 h off;
70 °C; 1000 h
± (0.25 %
R + 0.01 Ω)
70 °C; 8000 h
± (0.5 %
R + 0.01 Ω)
4.25.3
-
Endurance at
upper category
temperature
125 °C; 1000 h
± (0.15 %
R + 0.01 Ω)
± (0.1 %
R
+ 0.005 
Ω)
± (0.25 %
R)
155 °C; 1000 h
± (0.3 %
R + 0.01 Ω)
± (0.2 %
R
+ 0.005 
Ω)
± (0.5 %
R)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C;
56 days;
(93 ± 3) % RH
± (0.15 %
R + 0.01 Ω)
± (0.25 %
R)
4.37
67 (Cy)
Damp heat,
steady state,
accelerated
(85 ± 2) °C
(85 ± 5) % RH
U =
≤ 100 V and
U = 0.3 x Umax.;
(the smaller
value is valid)
1000 h
± (0.25 %
R + 0.01 Ω)± (2 % R)
-
-
Cold
-55 °C; 2000 h
± (0.1 %
R + 0.01 Ω)
P
70 x R
P
70 x R
P
70 x R
0.3 x P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com