Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMM0204003JB3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # OMM0204003JB3
Description  Thin Film Mini-MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OMM0204003JB3 Datasheet(HTML) 1 Page - Vishay Siliconix

  OMM0204003JB3 Datasheet HTML 1Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 2Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 3Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 4Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 5Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 6Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 7Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 8Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
1
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thin Film Mini-MELF Resistors
SMM 0204 thin film MELF resistors are the perfect choice
for most fields of modern electronics where reliability and
stability are of major concern. The typical applications in the
fields of automotive, industrial and medical equipment
reflect the outstanding level of proven reliability.
FEATURES
• Advanced metal film technology
• AEC-Q200 qualified
• Approval acc. EN 140401-803 available on
request
• Excellent stability in different environmental
conditions
• Best in class pulse load capability
• Intrinsic sulfur resistance
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive
• Telecommunication
• Industrial
• Medical equipment
Notes
• The IECQ-CECC approved product versions SMM0204 EN803 E0 and OMM0204 EN803 E0 respectively feature a quality factor
πQ = 3 for
the purpose of system MTBF calculations, compared with
πQ = 10 for the standard versions.
(1) Please refer to APPLICATION INFORMATION below.
APPLICATION INFORMATION
When the resistor dissipates power, a temperature rise above the ambient temperature occurs, dependent on the thermal
resistance of the assembled resistor together with the printed circuit board. The rated dissipation applies only if the permitted
film temperature is not exceeded.
These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift
increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a
functional lifetime
TECHNICAL SPECIFICATIONS
DESCRIPTION
SMM0204
DIN size
0204
Metric size code
RC 3715M
Resistance range
0.22
Ω to 10 MΩ
Resistance tolerance
± 5 %; ± 1 %; ± 0.5 %; ± 0.25 %; ± 0.1 %
Temperature coefficient
± 100 ppm/K; ± 50 ppm/K; ± 25 ppm/K; ± 15 ppm/K
Rated dissipation
P70 (1)
0.4 W
Operating voltage,
Umax. ACRMS/DC
200 V
Permissible film temperature,
ϑF max. (1)
155 °C
Operating temperature range (1)
-55 °C to 155 °C
Permissible voltage against ambient (insulation):
1 min;
Uins
300 V
Failure rate: FITobserved
≤ 0.1 x 10-9/h
Zero-Ohm-Resistor: OMM0204
Rmax. = 10 mΩ; Imax. = 3 A


Similar Part No. - OMM0204003JB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
OMM02040000000B0 VISHAY-OMM02040000000B0 Datasheet
209Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 04-Dec-2025
OMM02040000000B1 VISHAY-OMM02040000000B1 Datasheet
209Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 04-Dec-2025
OMM02040000000B3 VISHAY-OMM02040000000B3 Datasheet
209Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 04-Dec-2025
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
OMM0204000000BB0 VISHAY-OMM0204000000BB0 Datasheet
209Kb / 12P
Thin Film Mini-MELF Resistors
Revision: 04-Dec-2025
More results

Similar Description - OMM0204003JB3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204_11 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
Thin Film MELF Resistors
28-Jun-11
OMM02040000000B300 VISHAY-OMM02040000000B300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM02040C1961FB300 VISHAY-SMM02040C1961FB300 Datasheet
250Kb / 7P
Thin Film Mini-MELF Resistors
16-Sep-11
SMM0204 VISHAY-SMM0204_15 Datasheet
146Kb / 11P
Thin Film Mini-MELF Resistors
17-Apr-15
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
Thin Film MELF Resistors
28-Jun-11
SMM0204 VISHAY-SMM0204_V01 Datasheet
188Kb / 13P
Thin Film Mini-MELF Resistors
09-Nov-2021
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
Thin Film MELF Resistors
12-Jun-17
logo
Vishay Telefunken
MMU-0102 TFUNK-MMU-0102 Datasheet
205Kb / 14P
Professional Thin Film MELF Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com