Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OMM0204003JB3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # OMM0204003JB3
Description  Thin Film Mini-MELF Resistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

OMM0204003JB3 Datasheet(HTML) 2 Page - Vishay Siliconix

  OMM0204003JB3 Datasheet HTML 1Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 2Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 3Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 4Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 5Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 6Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 7Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 8Page - Vishay Siliconix OMM0204003JB3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SMM0204
www.vishay.com
Vishay Draloric
Revision: 09-Dec-15
2
Document Number: 20004
For technical questions, contact: melf@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• The presented operation modes do not refer to different types of resistors, but actually show examples of different loads, that lead to
different film temperatures and different achievable load-life stability (drift) of the resistance value. A suitable low thermal resistance of the
circuit board assembly must be safeguarded in order to maintain the film temperature of the resistors within the specified limits. Please
consider the application note “Thermal Management in Surface-Mounted Resistor Applications” (www.vishay.com/doc?28844) for
information on the general nature of thermal resistance.
Notes
• The color of the body coating is light green for jumpers and for a temperature coefficient of ± 50 ppm/K or ± 100 ppm/K, pink for ± 25 ppm/K,
or violet for ± 15 ppm/K.
• Zero ohm jumper are marked with one centered black band.
Note
(1) Package of 1000 pieces, code B1, is available only for products with TCR ± 25 ppm/K or ± 15 ppm/K, and with tolerance ± 0.25 % or ± 0.1 %.
Bulk case acc. IEC 60286-6 available on request.
MAXIMUM RESISTANCE CHANGE AT RATED DISSIPATION
OPERATION MODE
PRECISION
STANDARD
POWER
Rated dissipation,
P70
SMM0204
0.07 W
0.25 W
0.4 W
Operating temperature range
-10 °C to 85 °C
-55 °C to 125 °C
-55 °C to 155 °C
Permissible film temperature,
ϑF max.
85 °C
125 °C
155 °C
Max. resistance change at
P70 for
resistance range, |
ΔR/R| after:
SMM0204
10
Ω to 1 MΩ
0.22
Ω to 1 MΩ
0.22
Ω to 10 MΩ
1000 h
≤ 0.05 %
≤ 0.15 %
≤ 0.25 %
8000 h
≤ 0.1 %
≤ 0.3 %
≤ 0.5 %
225 000 h
≤ 0.25 %
≤ 0.75 %
-
TEMPERATURE COEFFICIENT AND RESISTANCE RANGE
TYPE / SIZE
TCR
TOLERANCE
RESISTANCE
E-SERIES
SMM0204
± 100 ppm/K
± 5 %
0.22
Ω to 10 MΩ
E24
± 50 ppm/K
± 1 %
0.82
Ω to 10 MΩ
E24; E96
± 0.5 %
10
Ω to 1.65 MΩ
E24; E192
± 25 ppm/K
± 0.5 %
10
Ω to 1.65 MΩ
E24; E192
± 0.25 %
22
Ω to 1.65 MΩ
± 0.1 %
22
Ω to 1.65 MΩ
± 15 ppm/K
± 0.5 %
10
Ω to 221 kΩ
E24; E192
± 0.25 %
22
Ω to 221 kΩ
± 0.1 %
43
Ω to 221 kΩ
Jumper,
Imax. = 3 A
≤ 10 mΩ
0
Ω
PACKAGING
TYPE / SIZE
CODE
QUANTITY
PACKAGING
STYLE
WIDTH
PITCH
PACKAGING
DIMENSIONS
SMM0204
OMM0204
B1 (1)
1000 (1)
Antistatic blister tape acc.
IEC 60286-3, Type 2a
8 mm
4 mm
Ø 180 mm/7"
B3
3000
B0
10 000
Ø 330 mm/13"
SMM0204 EN803 E0
OMM0204 EN803 E0
B1
1000
8 mm
4 mm
Ø 180 mm/7"
B3
3000
B0
10 000
Ø 330 mm/13"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com