Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-7 Datasheet(PDF) 2 Page - Copal Electronics

Part # CS-7
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-7 Datasheet(HTML) 2 Page - Copal Electronics

  CS-7 Datasheet HTML 1Page - Copal Electronics CS-7 Datasheet HTML 2Page - Copal Electronics CS-7 Datasheet HTML 3Page - Copal Electronics CS-7 Datasheet HTML 4Page - Copal Electronics CS-7 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CS-7
ROTARY SELECTOR SWITCHES (SMD)
■ LIST OF PART NUMBERS
Circuit type
Setting position
1 pole 4 contacts
Top setting
Form of packaging
Taping
Magazine
B
Gull wing
Pieces in package
CS-7-14TB
500 pcs./reel
CS-7-14MB
50 pcs./stick
※ Verify the above part numbers when placing orders.Taping and
magazine version can be supplied only in reel or stick unit.
■ STANDARD SPECIFICATIONS
Circuit type
Operating temperature range
Storage temperature range
Sealing
Net weight
1 pole 4 contacts
−40 ~ 85 °C
Washable by "O"ring
※ Please refer to page 150, 151
Approx. 0.38 g
No. of positions
Adjustment torque
Stepping angle
Solderability
Shear (adhesion)
Substrate bending
Pull-off strength
4
3~20 mN·m {31~204gf·cm}
90°
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10s
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC250 V, 60 s
Vibration
Shock
Load life
Humidity (Steady state)
High temperature exposure
Low temperature exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s2, 11 ms
6 directions for 3 times each
10000 steps minimum, DC5 V, 100 mA
85 °C, 96 h
40 °C, Relative humidity 90 ~ 95 %,
240 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
■ MECHANICAL CHARACTERISTICS
■ ENVIRONMENTAL CHARACTERISTICS
■ ELECTRICAL CHARACTERISTICS
{ } : Reference only
Soldering heat
Reflow
:Peak temperature 250°C to 255 °C
(Please refer to the profile below
)
Manual soldering
:350
± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com