Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-7 Datasheet(PDF) 5 Page - Copal Electronics

Part # CS-7
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-7 Datasheet(HTML) 5 Page - Copal Electronics

  CS-7 Datasheet HTML 1Page - Copal Electronics CS-7 Datasheet HTML 2Page - Copal Electronics CS-7 Datasheet HTML 3Page - Copal Electronics CS-7 Datasheet HTML 4Page - Copal Electronics CS-7 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
<Magazine packaging specifications>
O Please order the multiple numbers of the specific packing
quantities.
Pieces in package : 50 pcs./stick
■ PACKAGING SPECIFICATIONS
O Magazine dimensions
(Unit : mm)
13.4
magazine length
:390±3mm long
CS-7
ROTARY SELECTOR SWITCHES (SMD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com