Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-7 Datasheet(PDF) 3 Page - Copal Electronics

Part # CS-7
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-7 Datasheet(HTML) 3 Page - Copal Electronics

  CS-7 Datasheet HTML 1Page - Copal Electronics CS-7 Datasheet HTML 2Page - Copal Electronics CS-7 Datasheet HTML 3Page - Copal Electronics CS-7 Datasheet HTML 4Page - Copal Electronics CS-7 Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
〈Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230 C
Pre Heating Zone
180 C
(C)
250
200
150
100
50
150 C
90 30 s
30 10 s
Soldering Zone
Heating time
C
+5
0
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
(Unit: mm)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
O CS-7-14B
11
3
0
7.3
0.7 W
× 2.8 L × 1 D
Production date code
Ⓒ
⓪
①
Ⓒ
③②
3.75
6 – 0.6
t = 0.15
2.54
2.54
O CS-7-14B
CS-7
ROTARY SELECTOR SWITCHES (SMD)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com