Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-32 Datasheet(PDF) 1 Page - Copal Electronics

Part # CS-32
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-32 Datasheet(HTML) 1 Page - Copal Electronics

  CS-32 Datasheet HTML 1Page - Copal Electronics CS-32 Datasheet HTML 2Page - Copal Electronics CS-32 Datasheet HTML 3Page - Copal Electronics CS-32 Datasheet HTML 4Page - Copal Electronics CS-32 Datasheet HTML 5Page - Copal Electronics CS-32 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O RoHS compliant
O Optimum for high density board mounting applications
O Compatible with most automatic pick & place machinery
O Protection against dust and washable after soldering
O Top and side setting types are available
O Same dimensions as ST-32 trimmer and conveniently
usable as a set
■ FEATURES
INTERNAL STRUCTURE
Part name
①
②
③
④
⑤
⑥
⑦
⑧
Wiper
Cover
Housing
Terminal pin
Base element
“O” ring
Rotor
Electrode
Material
Flammability
UL94V-0
—
—
—
UL94HB
UL94V-0
Multi metal alloy
Stainless steel (SUS 304)
Epoxy
Copper alloy, Sn-Cu-plated
Ceramic
Silicone rubber
Polyphenylenesulphide
Ag-Pd cermet
■ PART NUMBER DESIGNATION
C S - 3 2 - 1 2 Z E T A
Series name
No. of poles
1:1 pole
No. of contacts
2:2 contacts
Shape of terminal
A, G:J-hook
B, H:Gull wing
C:Through hole pins
Form of packaging
T:Taping (Reel)
Blank:Bulk in plastic bag
Terminal pin
E:Sn-Cu (Lead-free)
Contact timing
Z:Non-shorting (without neutral detent)
②
③
④
⑧
⑤
⑥
⑦
①
CS-32
ROTARY SELECTOR SWITCHES (SMD)
RoHS compliant


Similar Part No. - CS-32

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
CS-32 TELEDYNE-CS-32 Datasheet
588Kb / 9P
Failsafe SPDT Coaxial Switch
logo
CUI INC
CS-3212 CUI-CS-3212 Datasheet
122Kb / 1P
solid state buzzer
logo
Cherry Semiconductor Co...
CS-322 CHERRY-CS-322 Datasheet
801Kb / 4P
Hysteretic Current-Mode Controller
logo
List of Unclassifed Man...
CS-322 ETC1-CS-322 Datasheet
103Kb / 1P
DUAL DIGIT DISPLAY
logo
CUI INC
CS-3224 CUI-CS-3224 Datasheet
113Kb / 1P
solid state buzzer
More results

Similar Description - CS-32

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SH-7010TA COOPER-SH-7010TA Datasheet
425Kb / 6P
ROTARY CODED SWITCHES SMD
logo
Coilcraft lnc.
CS-4-13NTA COILCRAFT-CS-4-13NTA Datasheet
190Kb / 7P
ROTARY SELECTOR SWITCHES
logo
List of Unclassifed Man...
SA-7000 ETC2-SA-7000 Datasheet
592Kb / 14P
ROTARY CODED SWITCHES (SMD)
S-2050 ETC2-S-2050 Datasheet
180Kb / 6P
ROTARY SELECTOR SWITCHES
S-7070ETB ETC2-S-7070ETB Datasheet
267Kb / 8P
ROTARY CODED SWITCHES (SMD)
SH-7000 ETC2-SH-7000 Datasheet
425Kb / 6P
ROTARY CODED SWITCHES (SMD)
logo
Copal Electronics
CS-4 COPAL-CS-4 Datasheet
830Kb / 7P
ROTARY SELECTOR SWITCHES (SMD)
CS-7 COPAL-CS-7 Datasheet
590Kb / 5P
ROTARY SELECTOR SWITCHES (SMD)
RS_SERIES COPAL-RS_SERIES Datasheet
887Kb / 5P
ROTARY SELECTOR SWITCHES
SS-10 COPAL-SS-10 Datasheet
159Kb / 6P
ROTARY SELECTOR SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com