Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-32 Datasheet(PDF) 4 Page - Copal Electronics

Part # CS-32
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-32 Datasheet(HTML) 4 Page - Copal Electronics

  CS-32 Datasheet HTML 1Page - Copal Electronics CS-32 Datasheet HTML 2Page - Copal Electronics CS-32 Datasheet HTML 3Page - Copal Electronics CS-32 Datasheet HTML 4Page - Copal Electronics CS-32 Datasheet HTML 5Page - Copal Electronics CS-32 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
O CS-32-12ZEA
C
CW
CCW
3.4
2
2.1
2 – 0.7
0.5W
× 1.9L × 0.45D
Production date code &
Lead-free Identification mark,
1 digit (Location reversed every 2 years)
0.6
1
CCW
CW
C
0.05
t = 0.12
O CS-32-12ZEC
3.4
2
0.05
2.1
2 – 0.7
t = 0.12
0.5W
× 1.9L × 0.45D
1
CW
CCW
CCW
CW
C
C
Production date code &
Lead-free Identification mark,
1 digit (Location reversed every 2 years)
C
CW
CCW
3.4
2
4 1
1.3
1
2.1
2 – 0.7
0.5W
× 1.9L × 0.45D
Production date code &
Lead-free Identification mark,
1 digit (Location reversed every 2 years)
1
CCW
CW
C
t = 0.12
No plating on the cut surface
O CS-32-12ZEG
3.6
0.5W
× 1.9L × 0.45D
0.2
3.5
2.4
1
2 – 0.6
C
CW
CCW
CCW
CW
C
Operating face
t = 0.12
Production date code &
Lead-free Identification mark,
1 digit (Location reversed every 2 years)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
CS-32
ROTARY SELECTOR SWITCHES (SMD)
O CS-32-12ZEB



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com