Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-32 Datasheet(PDF) 5 Page - Copal Electronics

Part # CS-32
Description  ROTARY SELECTOR SWITCHES (SMD)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CS-32 Datasheet(HTML) 5 Page - Copal Electronics

  CS-32 Datasheet HTML 1Page - Copal Electronics CS-32 Datasheet HTML 2Page - Copal Electronics CS-32 Datasheet HTML 3Page - Copal Electronics CS-32 Datasheet HTML 4Page - Copal Electronics CS-32 Datasheet HTML 5Page - Copal Electronics CS-32 Datasheet HTML 6Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CS-32
ROTARY SELECTOR SWITCHES (SMD)
■ OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
3.6
Operating face
t = 0.12
0.2
3.5
2.4
1
2 – 0.6
C
CW
CCW
CCW
CW
C
0.5W
× 1.9L × 0.45D
Production date code &
Lead-free Identification mark,
1 digit (Location reversed every 2 years)
O CS-32-12ZEB, 12ZEH
O CS-32-12ZEA, 12ZEG
(Unit: mm)
■ RECOMMENDED P.C.B. PAD OUTLINE DIMENSIONS
Note 1) The zero point is the center of mounting.
Note 2) The land patterns conform to EIAJ RC2161.
Note 3) The land patterns are for reflow soldering.
1.2
0.8
3.2
1.2
0
1.6
1.2
0.8
3.2
1.2
0
1.6
O CS-32-12ZEH



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com