Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS Datasheet(PDF) 2 Page - Copal Electronics

Part # CUS
Description  LOW-PROFILE SLIDE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CUS Datasheet(HTML) 2 Page - Copal Electronics

  CUS Datasheet HTML 1Page - Copal Electronics CUS Datasheet HTML 2Page - Copal Electronics CUS Datasheet HTML 3Page - Copal Electronics CUS Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
STANDARD SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
MECHANICAL CHARACTERISTICS
LIST OF PART NUMBERS
Schematic
1
2
2
3
4
2
B
Gull wing
Taping
CUS-12TB
CUS-13TB
CUS-14TB
CUS-22TB
1400 pcs./reel
2500 pcs./reel
Form of packaging
No. of contacts
Shape of terminal
Pieces in package
Part number
Contact rating
Non-switching
Switching
Minimum
Contact timing
Contact resistance
Insulation resistance
Dielectric strength
DC50 V 100 mA
DC4 V 300 mA
DC20 mV 1 μA
Non-shorting
70 m
Ω maximum
100 M
Ω minimum (DC 100 V)
AC100 V 60 s
CUS
LOW-PROFILE SLIDE SWITCHES
Operating temp. range
Storage temp. range
Sealing
Net weight
− 20 ~ 70 °C
− 40 ~ 85 °C
Non washable
Approx. 0.08 g (CUS-12)
Approx. 0.10 g (CUS-13)
Approx. 0.13 g (CUS-14)
Approx. 0.11 g (CUS-22)
No. of positions
Operating force
Stop strength
Solderability
2, 3, 4
Stroke
1.5 mm
CUS-12
※1
2
± 1.7 N {0.2 ± 0.17 kgf}
CUS-13
※2
CUS-14
※3
CUS-22
※4
A
→ B : 1.5
± 1.2 N {0.15 ± 0.12 kgf}
B
→ C : 2
± 1.7 N {0.2 ± 0.17 kgf}
C
→ B : 1.5
± 1.2 N {0.15 ± 0.12 kgf}
B
→ A : 2
± 1.7 N {0.2 ± 0.17 kgf}
A
→ B : 1.5
± 1.2 N {0.15 ± 0.12 kgf}
B
→ C : 2
± 1.7 N {0.2 ± 0.17 kgf}
C
→ D : 2
± 1.7 N {0.2 ± 0.17 kgf}
D
→ C : 1.5
± 1.2 N {0.15 ± 0.12 kgf}
C
→ B : 2
± 1.7 N {0.2 ± 0.17 kgf}
B
→ A : 2
± 1.7 N {0.2 ± 0.17 kgf}
2
± 1.7 N {0.2 ± 0.17 kgf}
10 N {1.02 kgf} 15 s
245
± 3 °C 2 ~ 3 s
Soldering heat
Shear
Reflow peak : 250 ~ 255 °C
Manual soldering : 350
± 10 °C 3 ~ 4 s
5 N {0.5 kgf} 10 s
Substrate bending
Width 90 mm, bend 3 mm, 5 s, 1 time
Pull-off strength
5 N {0.5 kgf} 10 s
{ } : Reference only
ENVIRONMENTAL CHARACTERISTICS
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude 1.5 mm or
Acceleration 98 m/s
2,
10-500-10 Hz, 3 directions for 10 cycles each
490 m/s
2, 11 ms, 6 directions for 3 times each
Continuous load 10000 cycles,
DC4
± 0.5 V, 300 ± 10 mA
40 °C, Relative humidity 90 ~ 95 %,
240 h, No load
85 °C, 96 h, No load
−40 °C, 96 h, No load
−40 (0.5 h) ~ 85 °C (0.5 h), 5 cycles
CUS-12
CUS-22
CUS-13
CUS-14
AB
C
BC
D
A
※1
※2
※3
※4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com