Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS Datasheet(PDF) 1 Page - Copal Electronics

Part # CUS
Description  LOW-PROFILE SLIDE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CUS Datasheet(HTML) 1 Page - Copal Electronics

  CUS Datasheet HTML 1Page - Copal Electronics CUS Datasheet HTML 2Page - Copal Electronics CUS Datasheet HTML 3Page - Copal Electronics CUS Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
※ Please refer to the LIST OF PART NUMBERS when placing orders.
O Low-profile of 1.4 mm
O RoHS compliant
■ FEATURES
INTERNAL STRUCTURE
Part name
①
②
③
④
⑤
⑥
⑦
⑧
Cover
Slider
Housing
Slider contact
Fixed contact
Terminal pin
Click spring
Ground terminal
Material
Flammability
UL94V-0
—
—
Nickel silver
Polyamide
Liquid crystal polymer
Copper alloy, Gold-plated
Nickel silver
Stainless steel (SUS 301)
■ PART NUMBER DESIGNATION
C U S - 1 2 T B
Series name
No. of poles
1:1 pole
2:2 poles(2 contacts type only)
No. of contacts
2:2 contacts
3:3 contacts
4:4 contacts
Shape of terminal
B:Gull wing
Form of packaging
T:Taping
CUS
LOW-PROFILE SLIDE SWITCHES
O Mobile stereo · LCD TV · Camcorder
■ APPLICATIONS
RoHS compliant
①
②
④
⑤
③
⑥
⑦
⑧


Similar Part No. - CUS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CUS01 TOSHIBA-CUS01 Datasheet
238Kb / 5P
Portable eqiupment battery application
16-Aug-2001
CUS01 TOSHIBA-CUS01 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS01 TOSHIBA-CUS01_06 Datasheet
158Kb / 5P
Portable Equipment Battery Application
CUS02 TOSHIBA-CUS02 Datasheet
255Kb / 5P
SCHOTTKY BARRIER RECTIFIER SCHTTKY BARRIER TYPE
CUS02 TOSHIBA-CUS02 Datasheet
162Kb / 5P
Switching Mode Power Supply Applications
More results

Similar Description - CUS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
SLIDE SWITCHES
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
Slide Switches
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
Tyco Electronics
MHS MACOM-MHS Datasheet
649Kb / 15P
Slide Switches, Low Profile, Instrumentation Grade
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com