Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS Datasheet(PDF) 4 Page - Copal Electronics

Part # CUS
Description  LOW-PROFILE SLIDE SWITCHES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

CUS Datasheet(HTML) 4 Page - Copal Electronics

  CUS Datasheet HTML 1Page - Copal Electronics CUS Datasheet HTML 2Page - Copal Electronics CUS Datasheet HTML 3Page - Copal Electronics CUS Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part number
A
W1
W2
N
CUS
LOW-PROFILE SLIDE SWITCHES
■ PACKAGING SPECIFICATIONS
1.5
12
( 0.1
4
( 0.1
2
( 0.1
0.35
( 0.1
(CUS-12B)
2.6
+0.1
0
q
Direction of feed
Installation
example
O CUS-12TB
1.5
12
( 0.1
4
( 0.1
2
( 0.1
0.35
( 0.1
2.6
(CUS-13B)
+0.1
0
q
Direction of feed
Installation
example
O CUS-13TB, CUS-14TB
1.5
12
( 0.1
4
( 0.1
2
( 0.1
4.2
0.35
( 0.1
(CUS-22B)
+0.1
0
q
Direction of feed
Installation
example
40 mm min.
20 pitches min.
400 mm min.
End
Head
Direction of feed
Leader
Empty
Filled
Empty
O CUS-22TB
O Reel dimensions
(Unit: mm)
12TB, 22TB
φ 330 ± 2
17.4 ± 1
21.4 ± 1
φ 80 ± 1
13TB, 14TB
φ 330 ± 2
25.4 ± 1
29.4 ± 1
φ 80 ± 1
2
( 0.5
13
( 0.2
q
21
( 0.8
W1
W2
q
Label
Taping version is packaged in 2500 pcs. par reel (1400 pcs. for
CUS-22).
Taping version is boxed with 1 reel (2500 pcs. or 1400 pcs.).
Maximum number of consecutive missing pieces = 2. Leader
length and reel dimension are shown in the diagrams below.
Embossed tape dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com